Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MTW2805S Datasheet(PDF) 4 Page - Interpoint Corporation Company

Part # MTW2805S
Description  ??5째C to 85째C operation 18 to 40 VDC input 50 V for 50 ms transient protection
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERPOINT [Interpoint Corporation Company]
Direct Link  http://www.interpoint.com
Logo INTERPOINT - Interpoint Corporation Company

MTW2805S Datasheet(HTML) 4 Page - Interpoint Corporation Company

  MTW2805S Datasheet HTML 1Page - Interpoint Corporation Company MTW2805S Datasheet HTML 2Page - Interpoint Corporation Company MTW2805S Datasheet HTML 3Page - Interpoint Corporation Company MTW2805S Datasheet HTML 4Page - Interpoint Corporation Company MTW2805S Datasheet HTML 5Page - Interpoint Corporation Company MTW2805S Datasheet HTML 6Page - Interpoint Corporation Company  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
model numbering key
MTW
28 12 D / ES
Base Model
Voltage In
Output Voltage
Screening
Number of Outputs
(S = single, D = dual)
(Standard screening has no designator
in this position.)
Typical Performance Curves: 25°C Tc
figure 5
Output Power (Watts)
MTW2815D Efficiency
72
84
82
80
76
74
15
5
10
78
86
18 V
40 V
20
25
30
68
70
88
28 V
figure 7
Output Power (Watts)
MTW2812D and MTW2815D
Low Line Dropout
15
17
15
5
10
16
20
25
30
14
18
MTW2812D
MTW2815D
Output Power (Watts)
MTW2805S Efficiency
72
84
82
80
76
74
15
5
10
78
86
28 V
19 V
40 V
20
25
30
68
70
88
figure 2
Output Power (Watts)
MTW2812S Efficiency
72
84
82
80
76
74
15
5
10
78
86
28 V
18 V
40 V
20
25
30
68
70
88
figure 3
Output Power (Watts)
MTW2812S and MTW2815S
Low Line Dropout
15
17
15
5
10
16
20
25
30
14
18
MTW2815S
MTW2812S
figure 6
figure 4
Output Power (Watts)
MTW2812D Efficiency
72
84
82
80
76
74
15
5
10
78
86
20
25
30
68
70
88
28 V
18 V
40 V
MTW SERIES
30 WATT
DC/DC COnVerters
Page 4 of 6
MTW Rev C 20100212
www.interpoint.com



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com