Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SMRT28512T Datasheet(PDF) 15 Page - Interpoint Corporation Company

Part # SMRT28512T
Description  Built in MIL-STD-461 EMI filter Output trim from 51% to 124% of nominal
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERPOINT [Interpoint Corporation Company]
Direct Link  http://www.interpoint.com
Logo INTERPOINT - Interpoint Corporation Company

SMRT28512T Datasheet(HTML) 15 Page - Interpoint Corporation Company

Back Button SMRT28512T Datasheet HTML 11Page - Interpoint Corporation Company SMRT28512T Datasheet HTML 12Page - Interpoint Corporation Company SMRT28512T Datasheet HTML 13Page - Interpoint Corporation Company SMRT28512T Datasheet HTML 14Page - Interpoint Corporation Company SMRT28512T Datasheet HTML 15Page - Interpoint Corporation Company SMRT28512T Datasheet HTML 16Page - Interpoint Corporation Company SMRT28512T Datasheet HTML 17Page - Interpoint Corporation Company SMRT28512T Datasheet HTML 18Page - Interpoint Corporation Company SMRT28512T Datasheet HTML 19Page - Interpoint Corporation Company  
Zoom Inzoom in Zoom Outzoom out
 15 / 19 page
background image
nOTES: TRIPLE OUTPUT MODELS
1. guaranteed by design, not tested.
2. Up to the maximum specified auxiliary output current/power is available from either auxiliary output provided the total auxiliary output current/
power does not exceed the total current/power specified .
3. To maintain tight regulation over the full input voltage range a minimum load of 2% of full load should be used on all outputs.
4. To maintain the cross regulation specification, one of the auxiliaries must always provide a minimum of 20% of the total auxiliary power used.
negative Vout cross regulation is referenced to 50%/50% balanced loads (at 100% of total rated output power - full load).
5. Cross regulation is measured under the following conditions:
Condition 1: +POUT = 20 - 80%,/- POUT = 80 - 20%
Condition 2: - POUT = 20 - 80%, /+ POUT = 80 - 20%
6. Converters meet MIL-STD-461 specification revisions for conducted emissions C-CE03 and D-/E-/F-CE-102. The actual value of input ripple
current is much less, the limit in the characteristic table is based on measurement resolution.
7. Efficiency measured with all outputs at full load.
8. Maximum power dissipation when all outputs are shorted simultaneously.
9. Recovery time is measured from application of the transient to point at which VOUT is within 1% of VOUT at final value.
10. Transition time >10 µs.
11. Half load to/from full load.
12. Measured from release of inhibit or input voltage step.
Electrical Characteristics: -55°C to +125°C Tc, 28 VDC Vin, 100% load, unless otherwise specified.
Crane Aerospace & Electronics Power Solutions
www.interpoint.com
Page 15 of 19
sMrt28 single, Dual and triple space Dc/Dc converters
28 VOLt Input – 35 Watt – space quaLIFIeD
SMRT28 Rev E - 20100216



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com