Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2S034 Datasheet(PDF) 1 Page - Seme LAB

Part # 2S034
Description  Bipolar NPN Device in a Hermetically sealed TO3
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEME-LAB [Seme LAB]
Direct Link  http://www.semelab.co.uk
Logo SEME-LAB - Seme LAB

2S034 Datasheet(HTML) 1 Page - Seme LAB

  2S034 Datasheet HTML 1Page - Seme LAB  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
2S034
Bipolar NPN Device.
V
CEO =
100V
I
C = 3A
All Semelab hermetically sealed products
can be processed in accordance with the
requirements of BS, CECC and JAN,
JANTX, JANTXV and JANS specifications.
Parameter
Test Conditions
Min.
Typ.
Max.
Units
V
CEO*
100
V
I
C(CONT)
3
A
h
FE
@ 10/3 (V
CE / IC)
25
-
f
t
15M
Hz
P
D
40
W
* Maximum Working Voltage
This is a shortform datasheet. For a full datasheet please contact sales@semelab.co.uk.
Semelab Plc reserves the right to change test conditions, parameter limits and package dimensions without notice. Information furnished by Semelab is believed
to be both accurate and reliable at the time of going to press. However Semelab assumes no responsibility for any errors or omissions discovered in its use.
Generated
31-Jul-02
TO3 (TO204AA)
PINOUTS
1 – Base
2 – Emitter
Case - Collector
Bipolar NPN Device in a
Hermetically sealed TO3
Metal Package.
Semelab plc.
Telephone +44(0)1455 556565. Fax +44(0)1455 552612.
E-mail: sales@semelab.co.uk
Website: http://www.semelab.co.uk
Dimensions in mm (inches).
12
3
(case)
25.15 (0.99)
26.67 (1.05)
10.67 (0.42)
11.18 (0.44)
3.84 (0.151)
4.09 (0.161)
7.92 (0.312)
12.70 (0.50)
6.35 (0.25)
9.15 (0.36)
1.52 (0.06)
3.43 (0.135)


Similar Part No. - 2S034

ManufacturerPart #DatasheetDescription
logo
Seme LAB
2S033 SEME-LAB-2S033 Datasheet
14Kb / 1P
Bipolar NPN Device in a Hermetically sealed TO3 Metal Package
2S035 SEME-LAB-2S035 Datasheet
14Kb / 1P
Bipolar NPN Device in a Hermetically sealed TO3 Metal Package
2S036 SEME-LAB-2S036 Datasheet
14Kb / 1P
Bipolar NPN Device in a Hermetically sealed TO3 Metal Package
More results

Similar Description - 2S034

ManufacturerPart #DatasheetDescription
logo
Seme LAB
2N5671 SEME-LAB-2N5671 Datasheet
15Kb / 1P
Bipolar NPN Device in a Hermetically sealed TO3
2N6274 SEME-LAB-2N6274 Datasheet
15Kb / 1P
Bipolar NPN Device in a Hermetically sealed TO3
2N6275 SEME-LAB-2N6275 Datasheet
15Kb / 1P
Bipolar NPN Device in a Hermetically sealed TO3
2N6544 SEME-LAB-2N6544 Datasheet
15Kb / 1P
Bipolar NPN Device in a Hermetically sealed TO3
2N6545 SEME-LAB-2N6545 Datasheet
15Kb / 1P
Bipolar NPN Device in a Hermetically sealed TO3
2N6546 SEME-LAB-2N6546 Datasheet
15Kb / 1P
Bipolar NPN Device in a Hermetically sealed TO3
BDW83D SEME-LAB-BDW83D Datasheet
15Kb / 1P
Bipolar NPN Device in a Hermetically sealed TO3
BDX65A SEME-LAB-BDX65A Datasheet
15Kb / 1P
Bipolar NPN Device in a Hermetically sealed TO3
BDX67CECC SEME-LAB-BDX67CECC Datasheet
15Kb / 1P
Bipolar NPN Device in a Hermetically sealed TO3
BDX87 SEME-LAB-BDX87 Datasheet
16Kb / 1P
Bipolar NPN Device in a Hermetically sealed TO3
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com