Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STPS10L45CT Datasheet(PDF) 4 Page - STMicroelectronics

Part # STPS10L45CT
Description  Low drop power Schottky rectifier
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STPS10L45CT Datasheet(HTML) 4 Page - STMicroelectronics

  STPS10L45CT Datasheet HTML 1Page - STMicroelectronics STPS10L45CT Datasheet HTML 2Page - STMicroelectronics STPS10L45CT Datasheet HTML 3Page - STMicroelectronics STPS10L45CT Datasheet HTML 4Page - STMicroelectronics STPS10L45CT Datasheet HTML 5Page - STMicroelectronics STPS10L45CT Datasheet HTML 6Page - STMicroelectronics STPS10L45CT Datasheet HTML 7Page - STMicroelectronics STPS10L45CT Datasheet HTML 8Page - STMicroelectronics STPS10L45CT Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 10 page
background image
Characteristics
STPS10L45C
4/10
Figure 7.
Relative variation of thermal
impedance junction to case versus
pulse duration
(TO-220AB, I2PAK and D2PAK)
Figure 8.
Relative variation of thermal
impedance junction to case versus
pulse duration (TO-220FPAB)
1E-3
1E-2
1E-1
1E+0
0.0
0.2
0.4
0.6
0.8
1.0
Z/R
th(j-c)
th(j-c)
T
δ=tp/T
tp
t (s)
p
δ = 0.5
δ = 0.2
δ = 0.1
Single pulse
1E-3
1E-2
1E-1
1E+0
1E+1
0.0
0.2
0.4
0.6
0.8
1.0
Z/R
th(j-c)
th(j-c)
T
δ=tp/T
tp
t (s)
p
δ = 0.5
δ = 0.2
δ = 0.1
Single pulse
Figure 9.
Reverse leakage current versus
reverse voltage applied (typical
values, per diode)
Figure 10.
Junction capacitance versus
reverse voltage applied (typical
values, per diode)
Figure 11.
Forward voltage drop versus
forward current (maximum values,
per diode)
Figure 12.
Thermal resistance junction to
ambient versus copper surface
under tab (Epoxy printed circuit
board FR4, copper thickness:
35 µm) ( D2PAK)
0
5
10
15
20
25
30
35
40
45
1E-3
1E-2
1E-1
1E+0
1E+1
1E+2
I (mA)
R
V (V)
R
T =125°C
j
T =150°C
j
T =100°C
j
T =25°C
j
12
5
10
20
50
10
100
1000
C(pF)
V (V)
R
F=1MHz
V
=30mV
T =25°C
OSC
RMS
j
0.0
0.2
0.4
0.6
0.8
1.0
1.2
1.4
1.6
1.8
0.1
1.0
10.0
100.0
I
(A)
FM
V
(V)
FM
T =25°C
j
T =125°C
j
T =150°C
(typical values)
j
0
4
8
12
16
20
24
28
32
36
40
0
10
20
30
40
50
60
70
80
R
(°C/W)
th(j-a)
S(Cu)(cm²)



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com