Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STPS10L45CG Datasheet(PDF) 1 Page - STMicroelectronics

Part # STPS10L45CG
Description  Low drop power Schottky rectifier
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STPS10L45CG Datasheet(HTML) 1 Page - STMicroelectronics

  STPS10L45CG Datasheet HTML 1Page - STMicroelectronics STPS10L45CG Datasheet HTML 2Page - STMicroelectronics STPS10L45CG Datasheet HTML 3Page - STMicroelectronics STPS10L45CG Datasheet HTML 4Page - STMicroelectronics STPS10L45CG Datasheet HTML 5Page - STMicroelectronics STPS10L45CG Datasheet HTML 6Page - STMicroelectronics STPS10L45CG Datasheet HTML 7Page - STMicroelectronics STPS10L45CG Datasheet HTML 8Page - STMicroelectronics STPS10L45CG Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
March 2007
Rev 4
1/10
10
STPS10L45C
Low drop power Schottky rectifier
Main product characteristics
Features and benefits
■ Low forward voltage drop meaning very small
conduction losses
■ Low dynamic losses as a result of the Schottky
barrier
■ Insulated package: TO-220FPAB
Insulating voltage = 2000 V DC
Capacitance = 12 pF
■ Avalanche capability specified
Description
Dual center tap Schottky rectifiers suited for
Switched Mode Power Supplies and high
frequency DC to DC converters.
Packaged in TO-220AB, TO-220FPAB, I2PAK and
D2PAK, these devices are intended for use in low
voltage, high frequency inverters, free-wheeling
and polarity protection applications.
IF(AV)
2 x 5 A
VRRM
45 V
Tj (max)
150° C
VF(max)
0.46 V
D2PAK
STPS10L45CG
TO-220AB
STPS10L45CT
TO-220FPAB
STPS10L45CFP
I2PAK
STPS10L45CR
A1
A2
K
A1
K
A2
A1
K
A2
A1
K
A2
A1
K
A2
www.st.com


Similar Part No. - STPS10L45CG

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STPS10L45CG STMICROELECTRONICS-STPS10L45CG Datasheet
133Kb / 7P
LOW DROP POWER SCHOTTKY RECTIFIER
Jul-2003
More results

Similar Description - STPS10L45CG

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
1N581X STMICROELECTRONICS-1N581X Datasheet
61Kb / 5P
LOW DROP POWER SCHOTTKY RECTIFIER
Jul-2003
STPS10L40CT STMICROELECTRONICS-STPS10L40CT Datasheet
82Kb / 6P
LOW DROP POWER SCHOTTKY RECTIFIER
Jul-1999
STPS1L40A STMICROELECTRONICS-STPS1L40A Datasheet
76Kb / 5P
LOW DROP POWER SCHOTTKY RECTIFIER
REV. 5
STPS3L25S STMICROELECTRONICS-STPS3L25S Datasheet
55Kb / 4P
LOW DROP POWER SCHOTTKY RECTIFIER
Jun-1999
STPS40L45CT STMICROELECTRONICS-STPS40L45CT Datasheet
71Kb / 5P
LOW DROP POWER SCHOTTKY RECTIFIER
Nov-1999
STPS41L30CG STMICROELECTRONICS-STPS41L30CG Datasheet
99Kb / 6P
LOW DROP POWER SCHOTTKY RECTIFIER
Jul-2003
STPS40L40CT STMICROELECTRONICS-STPS40L40CT_03 Datasheet
77Kb / 5P
LOW DROP POWER SCHOTTKY RECTIFIER
Jul-2003
STPS5L25 STMICROELECTRONICS-STPS5L25_08 Datasheet
88Kb / 7P
Low drop power Schottky rectifier
15-Apr-2008
STPS41H100C STMICROELECTRONICS-STPS41H100C_12 Datasheet
200Kb / 9P
Low drop power Schottky rectifier
11-Apr-2012
STPS10L40C STMICROELECTRONICS-STPS10L40C Datasheet
145Kb / 9P
Low drop power Schottky rectifier
23-Mar-2007
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com