Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

OS402612GD-R5PAZ3K1D Datasheet(PDF) 2 Page - OptoSupply International

Part # OS402612GD-R5PAZ3K1D
Description  PRODUCT SPECIFICATION FOR LED Light Module
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OPTOSUPPLY [OptoSupply International]
Direct Link  http://www.optosupply.com
Logo OPTOSUPPLY - OptoSupply International

OS402612GD-R5PAZ3K1D Datasheet(HTML) 2 Page - OptoSupply International

  OS402612GD-R5PAZ3K1D Datasheet HTML 1Page - OptoSupply International OS402612GD-R5PAZ3K1D Datasheet HTML 2Page - OptoSupply International OS402612GD-R5PAZ3K1D Datasheet HTML 3Page - OptoSupply International  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
2
Device Selection Guide
1
Module No.
Color
Dom.
Wavelength(Typ.)
Condition
Luminous Flux /
Per LED(Typ.)
R5PAZ3K1D
Red
625±5nm
IF=50mA
6 lm
O5GAZ3K1D
Orange
605±5nm
IF=50mA
6 lm
Y5PAZ3K1D
Yellow
590±5nm
IF=50mA
6 lm
G58AZ3K1D
Green
525±5nm
IF=30mA
6 lm
B56LZ3K1D
Blue
470±5nm
IF=30mA
4.5 lm
W54LZ3K1P
White
X=0.28 ; Y=0.28
IF=30mA
7.5 lm
M54LZ3K1P
Warm White
X=0.45 ; Y=0.41
IF=30mA
7 lm
K57LZ3K1D
Pink
X=0.45 ; Y=0.17
IF=30mA
0.6 lm
Absolute Maximum Ratings(Ta=25℃)
1
Items
Symbol
Values
Units
Operating Supply Range(DC)
Vidc
14
V
Input Current (DC)
Ii
150
mA
Power Dissipation
Pa
2.1
W
LED Light Source Temperature
Tled
105
DegC
Operating Temperature
Tope
-20 ~ +75
DegC
Storage Temperature
Tsto
-20 ~ +80
DegC
Typical Performance (Ta=25℃)
1
Items
Symbol
Min.
Typ.
Max.
Units
LED Module Power
Pm
-
1.2
2.1
w
Input Voltage(DC)
Vi
-
12
14
V
Product Input Current
If
-
100
150
mA
Beam Pattern
BP
-
180
-
Deg
Modules Size
Size.
-
40*26
-
mm
Net Weight
Wei.
-
15
-
g
Model No.
OS402612GD-
XXXXZ3K1X
REV.
C1



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com