Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STPS20L15G Datasheet(PDF) 3 Page - STMicroelectronics

Part # STPS20L15G
Description  LOW DROP OR-ing POWER SCHOTTKY DIODE
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STPS20L15G Datasheet(HTML) 3 Page - STMicroelectronics

  STPS20L15G Datasheet HTML 1Page - STMicroelectronics STPS20L15G Datasheet HTML 2Page - STMicroelectronics STPS20L15G Datasheet HTML 3Page - STMicroelectronics STPS20L15G Datasheet HTML 4Page - STMicroelectronics STPS20L15G Datasheet HTML 5Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
STPS20L15D/G
3/5
02468
10
12
14
16
1E-1
1E+0
1E+1
1E+2
5E+2
IR(mA)
Tj=100°C
Tj=25°C
VR(V)
Fig. 7: Reverse leakage current versus reverse
voltage applied (typical values).
12
5
10
20
0.1
1.0
5.0
VR(V)
C(nF)
F=1MHz
Tj=25°C
Fig. 8: Junction capacitance versus reverse
voltage applied (typical values).
0
0.2
0.4
0.6
0.8
1
1.2
1.4
1.6
0.1
1.0
10.0
100.0
200.0
IFM(A)
VFM(V)
Tj=25°C
Tj=75°C
Tj=125°C
Fig. 9: Forward voltage drop versus forward
current (typical values).
0
4
8
1216
202428323640
0
10
20
30
40
50
60
70
80
Rth(j-a) (°C/W)
S(Cu) (cm²)
Fig. 11: Thermal resistance junction to ambient
versus copper surface under tab (Epoxy printed
circuit board FR4, copper thickness : 35
µm).
(STPS20L15G only)
0
0.2
0.4
0.6
0.8
1
1.2
1.4
1.6
1.8
1
10
100
200
IFM(A)
Tj=100°C
VFM(V)
Fig. 10: Forward voltage drop versus forward
current (maximum values).



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com