Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STPS61L45C Datasheet(PDF) 4 Page - STMicroelectronics

Part # STPS61L45C
Description  Power Schottky rectifier
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STPS61L45C Datasheet(HTML) 4 Page - STMicroelectronics

  STPS61L45C Datasheet HTML 1Page - STMicroelectronics STPS61L45C Datasheet HTML 2Page - STMicroelectronics STPS61L45C Datasheet HTML 3Page - STMicroelectronics STPS61L45C Datasheet HTML 4Page - STMicroelectronics STPS61L45C Datasheet HTML 5Page - STMicroelectronics STPS61L45C Datasheet HTML 6Page - STMicroelectronics STPS61L45C Datasheet HTML 7Page - STMicroelectronics STPS61L45C Datasheet HTML 8Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
Characteristics
STPS61L45C
4/8
Figure 7.
Reverse leakage current versus
reverse voltage applied (typical
values, per diode)
Figure 8.
Junction capacitance versus
reverse voltage applied (typical
values, per diode)
Figure 9.
Forward voltage drop versus
forward current (per diode)
1.E-02
1.E-01
1.E+00
1.E+01
1.E+02
1.E+03
0
5
10
15
20
25
30
35
40
45
T
j=150°C
T
j=125°C
T
j=25°C
T
j=100°C
T
j=75°C
T
j=50°C
I (mA)
R
V (V)
R
0.10
1.00
10.00
1
10
100
F=1MHz
V
OSC=30mVRMS
T
j=25°C
C(nF)
V (V)
R
0
20
40
60
80
100
120
140
160
180
200
0.0
0.1
0.2
0.3
0.4
0.5
0.6
0.7
0.8
0.9
1.0
1.1
1.2
1.3
1.4
T
j=25°C
(Maximum values)
T
j=125°C
(Maximum values)
T
j=125°C
(Maximum values)
T
j=125°C
(Typical values)
T
j=125°C
(Typical values)
V
(V)
FM
I
(A)
FM



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com