Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STPS61L45CW Datasheet(PDF) 5 Page - STMicroelectronics

Part # STPS61L45CW
Description  Power Schottky rectifier
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STPS61L45CW Datasheet(HTML) 5 Page - STMicroelectronics

  STPS61L45CW Datasheet HTML 1Page - STMicroelectronics STPS61L45CW Datasheet HTML 2Page - STMicroelectronics STPS61L45CW Datasheet HTML 3Page - STMicroelectronics STPS61L45CW Datasheet HTML 4Page - STMicroelectronics STPS61L45CW Datasheet HTML 5Page - STMicroelectronics STPS61L45CW Datasheet HTML 6Page - STMicroelectronics STPS61L45CW Datasheet HTML 7Page - STMicroelectronics STPS61L45CW Datasheet HTML 8Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
STPS61L45C
Package information
5/8
2
Package information
●
Epoxy meets UL94, V0
●
Cooling method: C
●
Recommended torque values for: TO-220AB 0.4 to 0.6 N·m
●
Recommended torque values for: TO-247 0.9 to 1.2 N·m
In order to meet environmental requirements, ST (also) offers these devices in ECOPACK®
packages. ECOPACK® packages are Lead-free. The category of second level Interconnect
is marked on the package and on the inner box label, in compliance with JEDEC Standard
JESD97. The maximum ratings related to soldering conditions are also marked on the inner
box label.
ECOPACK is an ST trademark. ECOPACK specifications are available at: www.st.com.
Table 5.
TO-220AB dimensions
Ref.
Dimensions
Millimeters
Inches
Min.
Max.
Min.
Max.
A
4.40
4.60
0.173
0.181
C
1.23
1.32
0.048
0.106
D
2.40
2.72
0.094
0.009
E
0.49
0.70
0.019
0.037
F
0.61
0.88
0.024
0.067
F1
1.14
1.70
0.044
0.024
F2
1.14
1.70
0.044
0.054
G
4.95
5.15
0.194
0.368
G1
2.40
2.70
0.094
0.409
H2
10
10.40
0.393
0.208
L2
16.4 typ
0.645 typ
L4
13
14
0.511
0.055
L5
2.65
2.95
0.104
0.069
L6
15.25
15.75
0.600
0.126
L7
6.20
6.60
0.244
L9
3.50
3.93
0.137
M
2.6 typ.
0.102 typ.
Diam.
3.75
3.85
0.147
0.151
A
C
D
L7
Dia
L5
L6
L9
L4
F
H2
G
G1
L2
F2
F1
E
M



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com