Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STPS0540Z Datasheet(PDF) 2 Page - STMicroelectronics

Part # STPS0540Z
Description  SCHOTTKY RECTIFIER
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STPS0540Z Datasheet(HTML) 2 Page - STMicroelectronics

  STPS0540Z Datasheet HTML 1Page - STMicroelectronics STPS0540Z Datasheet HTML 2Page - STMicroelectronics STPS0540Z Datasheet HTML 3Page - STMicroelectronics STPS0540Z Datasheet HTML 4Page - STMicroelectronics STPS0540Z Datasheet HTML 5Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
STPS0540Z / STPS0560Z
2/5
Symbol
Parameter
Tests conditions
Value
Unit
STPS0540Z
STPS0560Z
typ.
max.
typ.
max.
IR *
Reverse leakage
current
Tj=25°C
VR =VRRM
40
50
µA
T =100°C
1.5
5
1
4
mA
VF **
Forward
voltage drop
Tj=25
°CIF = 0.5 A
0.50
0.53
V
Tj=100°C
0.35
0.40
0.44
0.50
Tj=25
°CIF = 1 A
0.55
0.66
Tj=100°C
0.45
0.51
0.58
0.65
Pulse test :
* tp=5ms,
δ <2%
** tp = 380
µs, δ <2%
To evaluate the maximum conduction losses use the following equation :
STPS0540Z: P = 0.29 x IF(AV) +0.22xIF
2
(RMS)
STPS0560Z: P = 0.35 x IF(AV) +0.3xIF
2
(RMS)
STATIC ELECTRICAL CHARACTERISTICS
Symbol
Parameter
Value
Unit
Rth (j-a)
Junction to ambient (*)
340
°C/W
(*) Mounted on epoxy board.
THERMAL RESISTANCE



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com