Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STPS4045CW Datasheet(PDF) 4 Page - STMicroelectronics

Part # STPS4045CW
Description  Power Schottky rectifiers
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STPS4045CW Datasheet(HTML) 4 Page - STMicroelectronics

  STPS4045CW Datasheet HTML 1Page - STMicroelectronics STPS4045CW Datasheet HTML 2Page - STMicroelectronics STPS4045CW Datasheet HTML 3Page - STMicroelectronics STPS4045CW Datasheet HTML 4Page - STMicroelectronics STPS4045CW Datasheet HTML 5Page - STMicroelectronics STPS4045CW Datasheet HTML 6Page - STMicroelectronics STPS4045CW Datasheet HTML 7Page - STMicroelectronics STPS4045CW Datasheet HTML 8Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
Characteristics
STPS4045C
4/8
Doc ID 4605 Rev 5
Figure 5.
Non repetitive surge peak forward
current versus overload duration
(maximum values, per diode)
Figure 6.
Non repetitive surge peak forward
current versus overload duration
(maximum values, per diode)
IM(A)
0
20
40
60
80
100
120
140
160
180
200
220
1.E-03
1.E-02
1.E-01
1.E+00
T
C=25°C
T
C=75°C
T
C=125°C
IM
t
δ =0.5
t(s)
TO-247
IM(A)
0
20
40
60
80
100
120
140
160
180
200
1.E-03
1.E-02
1.E-01
1.E+00
T
C=25°C
T
C=75°C
T
C=125°C
IM
t
δ =0.5
t(s)
TO-220AB
Figure 7.
Relative variation of thermal
impedance junction to case versus
pulse duration
Figure 8.
Reverse leakage current versus
reverse voltage applied
(typical values, per diode)
Zth(j-c)/Rth(j-c)
0.0
0.1
0.2
0.3
0.4
0.5
0.6
0.7
0.8
0.9
1.0
1.E-04
1.E-03
1.E-02
1.E-01
1.E+00
Single pulse
tp(s)
IR(µA)
1.E+00
1.E+01
1.E+02
1.E+03
1.E+04
1.E+05
0
5
10
15
20
25
30
35
40
45
T
j=150°C
T
j=125°C
T
j=25°C
T
j=100°C
T
j=50°C
T
j=75°C
VR(V)
Figure 9.
Junction capacitance versus
reverse voltage applied
(typical values, per diode)
Figure 10.
Forward voltage drop versus
forward current (per diode)
C(pF)
100
1000
10000
1
10
100
F=1MHz
V
OSC=30mVRMS
T
j=25°C
VR(V)
IFM(A)
0
10
20
30
40
50
60
70
80
90
100
0.0
0.2
0.4
0.6
0.8
1.0
1.2
1.4
1.6
Tj=25°C
(Maximum values)
Tj=125°C
(Maximum values)
Tj=125°C
(Maximum values)
Tj=125°C
(Typical values)
Tj=125°C
(Typical values)
VFM(V)



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com