Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STPS6045CPI Datasheet(PDF) 2 Page - STMicroelectronics

Part # STPS6045CPI
Description  POWER SCHOTTKY RECTIFIER
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STPS6045CPI Datasheet(HTML) 2 Page - STMicroelectronics

  STPS6045CPI Datasheet HTML 1Page - STMicroelectronics STPS6045CPI Datasheet HTML 2Page - STMicroelectronics STPS6045CPI Datasheet HTML 3Page - STMicroelectronics STPS6045CPI Datasheet HTML 4Page - STMicroelectronics STPS6045CPI Datasheet HTML 5Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
STPS6045CP/CPI/CW
2/5
Symbol
Parameter
Tests Conditions
Min.
Typ.
Max.
Unit
IR *
Reverse leakage
current
Tj = 25°C
VR =VRRM
500
µA
Tj = 125°C
20
80
mA
VF *
Forward voltage drop
Tj = 125
°CIF =30 A
0.53
0.63
V
Tj=25
°CIF =60 A
0.84
Tj = 125°C
IF =60 A
0.68
0.78
STATIC ELECTRICAL CHARACTERISTICS (per diode)
Pulse test : ** tp = 380 µs,
δ <2%
To evaluate the conduction losses use the following equation:
P=0.48xIF(AV) + 0.005 IF
2
(RMS)
0
5
10
15
20
25
30
35
40
0
5
10
15
20
25
IF(av) (A)
PF(av)(W)
T
δ=tp/T
tp
δ = 1
δ = 0.5
δ = 0.2
δ = 0.1
δ = 0.05
Fig. 1: Average forward power dissipation
versus average forward current (per diode).
Symbol
Parameter
Value
Unit
Rth (j-c)
Junction to case
SOT-93 / TO-247
Per diode
Total
0.95
0.55
°C/W
TOP-3I
Per diode
Total
1.8
1.1
Rth (c)
SOT-93 / TO-247
Coupling
0.15
TOP-3I
0.4
THERMAL RESISTANCES
When the diodes 1 and 2 are used simultaneously:
∆ TJ(diode 1) = P(diode1) x Rth(j-c) (Per diode) + P(diode 2) x Rth(c)
0
25
50
75
100
125
150
175
0
5
10
15
20
25
30
35
Tamb(°C)
IF(av)(A)
Rth(j-a)=10°C/W
Rth(j-a)=Rth(j-c)
TOP-3I
SOT-93
TO-247
T
δ=tp/T
tp
Fig. 2: Average
current
versus
ambient
temperature (
δ=0.5, per diode).
0
0.2
0.4
0.6
0.8
1
1.2
0
25
50
75
100
125
150
T (°C)
j
P(t )
P
(25°C)
ARM p
ARM
Fig. 4: Normalized avalanche power derating
versus junction temperature.
0.001
0.01
0.1
0.01
1
0.1
10
100
1000
1
t (µs)
p
P(t )
P
(1µs)
ARM p
ARM
Fig. 3: Normalized avalanche power derating
versus pulse duration.



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com