Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STPS10150CG Datasheet(PDF) 2 Page - STMicroelectronics

Part # STPS10150CG
Description  High voltage power Schottky rectifier
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STPS10150CG Datasheet(HTML) 2 Page - STMicroelectronics

  STPS10150CG Datasheet HTML 1Page - STMicroelectronics STPS10150CG Datasheet HTML 2Page - STMicroelectronics STPS10150CG Datasheet HTML 3Page - STMicroelectronics STPS10150CG Datasheet HTML 4Page - STMicroelectronics STPS10150CG Datasheet HTML 5Page - STMicroelectronics STPS10150CG Datasheet HTML 6Page - STMicroelectronics STPS10150CG Datasheet HTML 7Page - STMicroelectronics STPS10150CG Datasheet HTML 8Page - STMicroelectronics STPS10150CG Datasheet HTML 9Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
Characteristics
STPS10150C
2/9
1
Characteristics
When the diodes 1 and 2 are used simultaneously:
∆Tj(diode 1) = P(diode 1) x Rth(j-l)(Per diode) + P(diode 2) x Rth(c)
To evaluate the conduction losses use the following equation:
P = 0.65 x IF(AV) + 0.02 IF
2
(RMS)
Table 2.
Thermal resistance
Symbol
Parameter
Value
Unit
Rth(j-c)
Junction to case
TO-220AB, D2PAK
Per diode
4
° C/W
TO-220FPAB
7
TO-220AB, D2PAK
Total
2.4
TO-220FPAB
5.3
Rth(c)
Coupling
TO-220AB, D2PAK
0.7
TO-220FPAB
3.7
Table 3.
Static electrical characteristics (per diode)
Symbol
Parameter
Tests conditions
Min.
Typ
Max.
Unit
IR
(1)
Reverse leakage current
Tj = 25° C
VR = VRRM
2.0
µA
Tj = 125° C
0.40
2.0
mA
VF
(2)
Forward voltage drop
Tj = 25° C
IF = 5 A
0.92
V
Tj = 125° C
0.69
0.75
Tj = 25° C
IF = 10 A
1
Tj = 125° C
0.79
0.85
1.
tp = 5 ms, δ < 2%
2.
tp = 380 µs, δ < 2%
Figure 1.
Average forward power
dissipation versus average
forward current (per diode)
Figure 2.
Average forward current versus
ambient temperature (
δ = 0.5, per
diode)
0.0 0.5 1.0 1.5 2.0 2.5 3.0 3.5 4.0 4.5 5.0 5.5 6.0
0.0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
4.0
4.5
5.0
I(A)
F(av)
P(W)
F(av)
δ = 0.05
δ = 0.1
δ = 0.2
δ = 0.5
δ = 1
T
δ=tp/T
tp
0.0
1.0
2.0
3.0
4.0
5.0
6.0
0
25
50
75
100
125
150
175
R
th(j-a)=15 °C/W
T
d=tp/T
tp
R
th(j-a)=Rth(j-c)
TO-220FPAB
TO-220FPAB
TO-220AB/D²PAK
TO-220AB/D²PAK
T
(°C)
amb
I
(A)
F(av)



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com