Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STPS16170C Datasheet(PDF) 1 Page - STMicroelectronics

Part # STPS16170C
Description  High voltage power Schottky rectifier
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STPS16170C Datasheet(HTML) 1 Page - STMicroelectronics

  STPS16170C Datasheet HTML 1Page - STMicroelectronics STPS16170C Datasheet HTML 2Page - STMicroelectronics STPS16170C Datasheet HTML 3Page - STMicroelectronics STPS16170C Datasheet HTML 4Page - STMicroelectronics STPS16170C Datasheet HTML 5Page - STMicroelectronics STPS16170C Datasheet HTML 6Page - STMicroelectronics STPS16170C Datasheet HTML 7Page - STMicroelectronics STPS16170C Datasheet HTML 8Page - STMicroelectronics STPS16170C Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
July 2006
Rev 1
1/10
STPS16170C
High voltage power Schottky rectifier
Main product characteristics
Features and benefits
■ High junction temperature capability
■ Good trade-off between leakage current and
forward voltage drop
■ Low leakage current
■ Avalanche capability specified
Description
Dual centre tab Schottky rectifier designed for
high frequency switch mode power supplies.
Order codes
IF(AV)
2 x 8 A
VRRM
170 V
Tj
175° C
VF (typ)
0.70 V
Part Number
Marking
STPS16170CT
STPS16170CT
STPS16170CG
STPS16170CG
STPS16170CG-TR
STPS16170CG
STPS16170CR
STPS16170CR
STPS16170CB-TR
PS16170CB
STPS16170CB
PS16170CB
A1
A2
K
K
A1
A2
K
A1
A2
K
A1
A2
K
A1
A2
D2PAK
STPS16170CG
TO-220AB
STPS16170CT
I2PAK
STPS16170CR
DPAK
STPS16170CB
www.st.com


Similar Part No. - STPS16170C

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STPS16170C STMICROELECTRONICS-STPS16170C Datasheet
271Kb / 12P
High voltage power Schottky rectifier
18-Dec-2015
logo
Inchange Semiconductor ...
STPS16170CB ISC-STPS16170CB Datasheet
294Kb / 2P
High Voltage Power Schottky Rectifier
logo
STMicroelectronics
STPS16170CB-TR STMICROELECTRONICS-STPS16170CB-TR Datasheet
271Kb / 12P
High voltage power Schottky rectifier
18-Dec-2015
STPS16170CG-TR STMICROELECTRONICS-STPS16170CG-TR Datasheet
271Kb / 12P
High voltage power Schottky rectifier
18-Dec-2015
STPS16170CR STMICROELECTRONICS-STPS16170CR Datasheet
271Kb / 12P
High voltage power Schottky rectifier
18-Dec-2015
More results

Similar Description - STPS16170C

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STPS10H100CT STMICROELECTRONICS-STPS10H100CT Datasheet
105Kb / 6P
HIGH VOLTAGE POWER SCHOTTKY RECTIFIER
Jul-2003
STPS2H100A STMICROELECTRONICS-STPS2H100A Datasheet
76Kb / 6P
HIGH VOLTAGE POWER SCHOTTKY RECTIFIER
Nov-1998
STPS30150CT STMICROELECTRONICS-STPS30150CT Datasheet
93Kb / 6P
HIGH VOLTAGE POWER SCHOTTKY RECTIFIER
Jul-2003
STPS80150CW STMICROELECTRONICS-STPS80150CW Datasheet
424Kb / 4P
HIGH VOLTAGE POWER SCHOTTKY RECTIFIER
Oct-2003
logo
Gamma Microelectronics ...
GMR20H125C GAMMA-GMR20H125C Datasheet
135Kb / 6P
HIGH VOLTAGE POWER SCHOTTKY RECTIFIER
GMR20H200C GAMMA-GMR20H200C Datasheet
135Kb / 6P
HIGH VOLTAGE POWER SCHOTTKY RECTIFIER
logo
BCD Semiconductor Manuf...
MBR20100C BCDSEMI-MBR20100C Datasheet
506Kb / 9P
HIGH VOLTAGE POWER SCHOTTKY RECTIFIER
logo
Kersemi Electronic Co.,...
MBR20H100CT-E1 KERSEMI-MBR20H100CT-E1 Datasheet
4Mb / 10P
HIGH VOLTAGE POWER SCHOTTKY RECTIFIER
MBR30H100CT-E1 KERSEMI-MBR30H100CT-E1 Datasheet
4Mb / 10P
HIGH VOLTAGE POWER SCHOTTKY RECTIFIER
MBR20H100CTF-E1 KERSEMI-MBR20H100CTF-E1 Datasheet
4Mb / 10P
HIGH VOLTAGE POWER SCHOTTKY RECTIFIER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com