Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STPS16170CG Datasheet(PDF) 2 Page - STMicroelectronics

Part # STPS16170CG
Description  High voltage power Schottky rectifier
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STPS16170CG Datasheet(HTML) 2 Page - STMicroelectronics

  STPS16170CG Datasheet HTML 1Page - STMicroelectronics STPS16170CG Datasheet HTML 2Page - STMicroelectronics STPS16170CG Datasheet HTML 3Page - STMicroelectronics STPS16170CG Datasheet HTML 4Page - STMicroelectronics STPS16170CG Datasheet HTML 5Page - STMicroelectronics STPS16170CG Datasheet HTML 6Page - STMicroelectronics STPS16170CG Datasheet HTML 7Page - STMicroelectronics STPS16170CG Datasheet HTML 8Page - STMicroelectronics STPS16170CG Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
Characteristics
STPS16170C
2/10
1
Characteristics
To evaluate the conduction losses use the following equation:
P = 0.64 x IF(AV) + 0.014 x IF
2
(RMS)
Table 1.
Absolute ratings (limiting values per diode, Tamb = 25° C unless otherwise specified)
Symbol
Parameter
Value
Unit
VRRM
Repetitive peak reverse voltage
170
V
IF(RMS)
RMS forward current
20
A
IF(AV)
Average forward current,
δ = 0.5
Tc = 150° C
Per diode
8
A
Total package
16
IFSM
Surge non repetitive forward current
tp = 10 ms Sinusoidal
75
A
PARM
Releative peak avalanche power
Tj = 25° C
tp = 1µs
4700
W
Tstg
Storage temperature range
-65 to + 175
°C
Tj
Maximum operating junction temperature(1)
175
°C
dV/dt
Critical rate of rise of reverse voltage
10 000
V/µs
1.
thermal runaway condition for a diode on its own heatsink
dP
tot
dT
j
---------------
1
R
th j
a
–
()
--------------------------
<
Table 2.
Thermal parameters
Symbol
Parameter
Value
Unit
Rth(j-c)
Junction to case
Per diode
3
°C/W
Total
1.8
Rth(c)
Coupling
0.6
Table 3.
Static electrical characteristics
Symbol
Parameter
Test conditions
Min.
Typ
Max.
Unit
IR
(1)
Reverse leakage current
Tj = 25° C
VR = VRRM
15
µA
Tj = 125° C
15
mA
VF
(2)
Forward voltage drop
Tj = 25° C
IF = 8 A
0.92
V
Tj = 125° C
0.70
0.75
Tj = 25° C
IF = 16 A
1
Tj = 125° C
0.8
0.86
1.
Pulse test: tp = 5 ms, δ < 2 %
2.
Pulse test: tp = 380 µs, δ < 2 %



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com