Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STPS60170CT Datasheet(PDF) 3 Page - STMicroelectronics

Part # STPS60170CT
Description  HIGH VOLTAGE POWER SCHOTTKY RECTIFIER
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STPS60170CT Datasheet(HTML) 3 Page - STMicroelectronics

  STPS60170CT Datasheet HTML 1Page - STMicroelectronics STPS60170CT Datasheet HTML 2Page - STMicroelectronics STPS60170CT Datasheet HTML 3Page - STMicroelectronics STPS60170CT Datasheet HTML 4Page - STMicroelectronics STPS60170CT Datasheet HTML 5Page - STMicroelectronics STPS60170CT Datasheet HTML 6Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
STPS60170C
3/6
Figure 1: Average forward power dissipation
versus average forward current (per diode)
Figure 2: Average forward current versus
ambient temperature (
δ = 0.5, per diode)
Figure
3:
Normalized
avalanche
power
derating versus pulse duration
Figure
4:
Normalized
avalanche
power
derating versus junction temperature
Figure 5: Non repetitive surge peak forward
current versus overload duration (maximum
values, per diode)
Figure
6:
Relative
variation
of
thermal
impedance junction to case versus pulse
duration
0
5
10
15
20
25
30
0
5
10
15
20
25
30
35
P
F(AV)(W)
d=0.05
d=0.1
d=0.2
d=0.5
d=1
T
d=t /T
p
tp
IF(AV)(A)
0
5
10
15
20
25
30
35
0
25
50
75
100
125
150
175
I
F(AV)(A)
R
th(j-a)=15°C/W
T
d=t /T
p
tp
R
th(j-a)=Rth(j-c)
Tamb(°C)
0.001
0.01
0.1
0.01
1
0.1
10
100
1000
1
t (µs)
p
P(t )
P
(1µs)
ARM p
ARM
0
0.2
0.4
0.6
0.8
1
1.2
25
50
75
100
125
150
T (°C)
j
P(t )
P
(25°C)
ARM p
ARM
0
50
100
150
200
250
300
350
1.E-03
1.E-02
1.E-01
1.E+00
I
M(A)
T
C=50°C
T
C=75°C
T
C=125°C
IM
t
d =0.5
t(s)
0.0
0.1
0.2
0.3
0.4
0.5
0.6
0.7
0.8
0.9
1.0
1.E-03
1.E-02
1.E-01
1.E+00
Z
th(j-c)/Rth(j-c)
Single pulse
T
d=t /T
p
tp
tP(s)



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com