Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SS3613 Datasheet(PDF) 1 Page - Sensitron

Part # SS3613
Description  HERMETIC AXIAL LEAD RECTIFIER
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SENSITRON [Sensitron]
Direct Link  http://www.sensitron.com
Logo SENSITRON - Sensitron

SS3613 Datasheet(HTML) 1 Page - Sensitron

  SS3613 Datasheet HTML 1Page - Sensitron SS3613 Datasheet HTML 2Page - Sensitron  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
• 221 WEST INDUSTRY COURT • DEER PARK, NY 11729-4681 • PHONE (631) 586-7600 • FAX (631) 242-9798 •
• World Wide Web - http://www.sensitron.com • E-mail Address - sales@sensitron.com •
SENSITRON
__
SEMICONDUCTOR
TECHNICAL DATA
DATA SHEET 5093, REV. -
HERMETIC AXIAL LEAD RECTIFIER
DESCRIPTION: A 200/400/600/800/1000 VOLT, 1 AMP, 5000 NANOSECOND RECTIFIER.
MAX. RATINGS / ELECTRICAL CHARACTERISTICS
All ratings are at TA = 25
oC unless otherwise specified.
RATING
CONDITIONS
MIN
TYP
MAX
UNIT
Peak Inverse Voltage
SS3611
SS3612
SS3613
SS3614
SS3957
-
-
-
200
400
600
800
1000
Vdc
Average DC Output Current (Io)
TC = 100
oC
TC = 150
oC
-
-
1.0
0.30
Amps
Peak Single Cycle Surge Current (Ifsm)
tp = 8.3 ms
Single Half
Cycle Sine
Wave,
Superimposed
On Rated Load
-
-
30
Amps(pk)
Operating and Storage Temp. (Top & Tstg)
-
-65
-
+175
°C
Maximum Forward Voltage (Vf)
If = 1.0A (300
µsec pulse,
duty cycle <
2%)
-
-
1.1
Volts
Maximum Instantaneous Reverse Current
At Rated (PIV)
TA = 25 °C
TA = 150 °C
-
-
1.0
300
µAmps
Reverse Recovery Time (trr)
If = 0.5A, Ir =
1.0A, Irr = 0.25A
-
-
5000
nsec
Thermal Resistance (RθJL)
-
-
-
38
°C/W
SS3611
SS3612
SS3613
SS3614
SS3957


Similar Part No. - SS3613

ManufacturerPart #DatasheetDescription
logo
SEC Electronics Inc.
SS3613 SECELECTRONICS-SS3613 Datasheet
213Kb / 8P
CMOS Omnipolar High Sensitivity Micropower Hall Switch
SS3613ESTT SECELECTRONICS-SS3613ESTT Datasheet
213Kb / 8P
CMOS Omnipolar High Sensitivity Micropower Hall Switch
SS3613EUA SECELECTRONICS-SS3613EUA Datasheet
213Kb / 8P
CMOS Omnipolar High Sensitivity Micropower Hall Switch
SS3613KSTT SECELECTRONICS-SS3613KSTT Datasheet
213Kb / 8P
CMOS Omnipolar High Sensitivity Micropower Hall Switch
SS3613KUA SECELECTRONICS-SS3613KUA Datasheet
213Kb / 8P
CMOS Omnipolar High Sensitivity Micropower Hall Switch
More results

Similar Description - SS3613

ManufacturerPart #DatasheetDescription
logo
Sensitron
1N4245 SENSITRON-1N4245 Datasheet
47Kb / 2P
HERMETIC AXIAL LEAD RECTIFIER
1N5614 SENSITRON-1N5614 Datasheet
79Kb / 3P
HERMETIC AXIAL LEAD / MELF GENERAL PURPOSE RECTIFIER
1N5619 SENSITRON-1N5619 Datasheet
142Kb / 3P
HERMETIC AXIAL LEAD/MELF RECTIFIER
1N5806 SENSITRON-1N5806 Datasheet
47Kb / 2P
HERMETIC AXIAL / MELF LEAD RECTIFIER
1N5819-1 SENSITRON-1N5819-1 Datasheet
88Kb / 3P
HERMETIC AXIAL LEAD / MELF GENERAL PURPOSE RECTIFIER
1N6628 SENSITRON-1N6628 Datasheet
58Kb / 3P
HERMETIC ULTRAFAST RECTIFIER AXIAL LEAD / SURFACE MOUNT (MELF)
1N3611 SENSITRON-1N3611 Datasheet
37Kb / 2P
HERMETIC AXIAL LEAD RECTIFIER
1N5614 SENSITRON-1N5614_09 Datasheet
54Kb / 3P
HERMETIC AXIAL LEAD / MELF GENERAL PURPOSE RECTIFIER
1N5614 SENSITRON-1N5614_10 Datasheet
54Kb / 3P
HERMETIC AXIAL LEAD / MELF GENERAL PURPOSE RECTIFIER
logo
ON Semiconductor
MBR3060 ONSEMI-MBR3060 Datasheet
154Kb / 5P
Axial Lead Rectifier
September, 2006 ??Rev. 1
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com