Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

OSPR9X02-R5XME1C1E Datasheet(PDF) 1 Page - OptoSupply International

Part # OSPR9X02-R5XME1C1E
Description  9PCS Xeon 1 Power LED Green light source, fast response
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OPTOSUPPLY [OptoSupply International]
Direct Link  http://www.optosupply.com
Logo OPTOSUPPLY - OptoSupply International

OSPR9X02-R5XME1C1E Datasheet(HTML) 1 Page - OptoSupply International

  OSPR9X02-R5XME1C1E Datasheet HTML 1Page - OptoSupply International OSPR9X02-R5XME1C1E Datasheet HTML 2Page - OptoSupply International  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
1
9PCS Xeon 1 Power LED
Descriptions:
1
• Green light source, fast response
• Long life, easy installation
• LED model number: XXXME1C1E
Features:
1
• Available in red, yellow, green, blue, white
• Super Bright
• Big Emitting Angle
• Superior ESD Protection
• Superior UV Resistance
• Can be equipped with lens:OS-OLIHA030P
Application:
1
• Small space lighting
• Mechanical equipment lights
Product Picture and Dimensions:
Model No.
OSPR9X02-
XXXME1C1E
REV.
C1
Unit: mm
Tolerance: ±0.3mm


Similar Part No. - OSPR9X02-R5XME1C1E

ManufacturerPart #DatasheetDescription
logo
OptoSupply Internationa...
OSPR9X02-XXXME1C1E OPTOSUPPLY-OSPR9X02-XXXME1C1E Datasheet
47Kb / 2P
9PCS Xeon 1 Power LED Green light source, fast response
More results

Similar Description - OSPR9X02-R5XME1C1E

ManufacturerPart #DatasheetDescription
logo
OptoSupply Internationa...
OSPR3XX1-R5XME1C1E OPTOSUPPLY-OSPR3XX1-R5XME1C1E Datasheet
46Kb / 2P
3PCS Xeon 1 Power LED Green light source, fast response
OSPR3XX3-R5XME1C1E OPTOSUPPLY-OSPR3XX3-R5XME1C1E Datasheet
45Kb / 2P
3PCS Xeon 1 Power LED Green light source, fast response
OSPR4X01-M5Z3E1C1E OPTOSUPPLY-OSPR4X01-M5Z3E1C1E Datasheet
883Kb / 3P
4PCS Xeon 1 Power LED Green light source, fast response
OSPR6XX2-R5XME1C1E OPTOSUPPLY-OSPR6XX2-R5XME1C1E Datasheet
50Kb / 2P
6PCS Xeon 1 Power LED Green light source, fast response
OSPL4X01-XXZ3E1C1E OPTOSUPPLY-OSPL4X01-XXZ3E1C1E Datasheet
888Kb / 3P
4PCS Xeon 1 Power LED Green light source, fast response
OSPR3XX1-XXXME1C1E OPTOSUPPLY-OSPR3XX1-XXXME1C1E Datasheet
46Kb / 2P
3PCS Xeon 1 Power LED Green light source, fast response
OSPR3XX3-XXXME1C1E OPTOSUPPLY-OSPR3XX3-XXXME1C1E Datasheet
45Kb / 2P
3PCS Xeon 1 Power LED Green light source, fast response
OSPR4X01-XXZ3E1C1E OPTOSUPPLY-OSPR4X01-XXZ3E1C1E Datasheet
883Kb / 3P
4PCS Xeon 1 Power LED Green light source, fast response
OSPR6XX1-XXXME1C1E OPTOSUPPLY-OSPR6XX1-XXXME1C1E Datasheet
45Kb / 2P
6PCS Xeon 1 Power LED Green light source, fast response
OSPR9X02-XXXME1C1E OPTOSUPPLY-OSPR9X02-XXXME1C1E Datasheet
47Kb / 2P
9PCS Xeon 1 Power LED Green light source, fast response
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com