Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BF258 Datasheet(PDF) 1 Page - Seme LAB

Part # BF258
Description  Bipolar NPN Device in a Hermetically sealed TO39
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEME-LAB [Seme LAB]
Direct Link  http://www.semelab.co.uk
Logo SEME-LAB - Seme LAB

BF258 Datasheet(HTML) 1 Page - Seme LAB

  BF258 Datasheet HTML 1Page - Seme LAB  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
BF258
Bipolar NPN Device.
V
CEO =
250V
I
C = 0.1A
All Semelab hermetically sealed products
can be processed in accordance with the
requirements of BS, CECC and JAN,
JANTX, JANTXV and JANS specifications
Parameter
Test Conditions
Min.
Typ.
Max.
Units
V
CEO*
250
V
I
C(CONT)
0.1
A
h
FE
@ 10/30m (V
CE / IC)
25
-
f
t
90M
Hz
P
D
0.8
W
* Maximum Working Voltage
This is a shortform datasheet. For a full datasheet please contact sales@semelab.co.uk.
Semelab Plc reserves the right to change test conditions, parameter limits and package dimensions without notice. Information furnished by Semelab is believed
to be both accurate and reliable at the time of going to press. However Semelab assumes no responsibility for any errors or omissions discovered in its use.
Generated
1-Aug-02
Bipolar NPN Device in a
Hermetically sealed TO39
Metal Package.
Semelab plc.
Telephone +44(0)1455 556565. Fax +44(0)1455 552612.
E-mail: sales@semelab.co.uk
Website: http://www.semelab.co.uk
Dimensions in mm (inches).
0.89
(0.035)
max.
12.70
(0.500)
min.
0.41 (0.016)
0.53 (0.021)
dia.
5.08 (0.200)
typ.
0.71 (0.028)
0.86 (0.034)
2.54
(0.100)
45°
6.10 (0.240)
6.60 (0.260)
8.51 (0.34)
9.40 (0.37)
7.75 (0.305)
8.51 (0.335)
1
2
3
0.74 (0.029)
1.14 (0.045)
TO39 (TO205AD)
PINOUTS
1 – Emitter
2 – Base
3 – Collector


Similar Part No. - BF258

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
BF258 STMICROELECTRONICS-BF258 Datasheet
83Kb / 5P
HIGH VOLTAGE VIDEO AMPLIFIERS
Oct-1988
logo
Micro Electronics
BF258 MICRO-ELECTRONICS-BF258 Datasheet
115Kb / 2P
NPN HIGH VOLTAGE VIDEO AMPLIFIER
logo
Central Semiconductor C...
BF258 CENTRAL-BF258 Datasheet
56Kb / 1P
Small Signal Transistors
logo
Continental Device Indi...
BF258 CDIL-BF258 Datasheet
142Kb / 3P
NPN SILICON HIGH VOLTAGE TRANSISTORS
logo
New Jersey Semi-Conduct...
BF258 NJSEMI-BF258 Datasheet
103Kb / 3P
HIGH VOLTAGE VIDEO AMPLIFIERS
More results

Similar Description - BF258

ManufacturerPart #DatasheetDescription
logo
Seme LAB
2N2219A SEME-LAB-2N2219A Datasheet
15Kb / 1P
Bipolar NPN Device in a Hermetically sealed TO39
2N2960 SEME-LAB-2N2960 Datasheet
15Kb / 1P
Bipolar NPN Device in a Hermetically sealed TO39
2N3019RB SEME-LAB-2N3019RB Datasheet
15Kb / 1P
Bipolar NPN Device in a Hermetically sealed TO39
2N3036 SEME-LAB-2N3036 Datasheet
15Kb / 1P
Bipolar NPN Device in a Hermetically sealed TO39
2N3053A SEME-LAB-2N3053A Datasheet
16Kb / 1P
Bipolar NPN Device in a Hermetically sealed TO39
2N3108 SEME-LAB-2N3108 Datasheet
15Kb / 1P
Bipolar NPN Device in a Hermetically sealed TO39
2N3110 SEME-LAB-2N3110 Datasheet
16Kb / 1P
Bipolar NPN Device in a Hermetically sealed TO39
2N3300 SEME-LAB-2N3300 Datasheet
15Kb / 1P
Bipolar NPN Device in a Hermetically sealed TO39
2N4272A SEME-LAB-2N4272A Datasheet
15Kb / 1P
Bipolar NPN Device in a Hermetically sealed TO39
2N5152S SEME-LAB-2N5152S Datasheet
15Kb / 1P
Bipolar NPN Device in a Hermetically sealed TO39
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com