Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STTA2006P Datasheet(PDF) 7 Page - STMicroelectronics

Part # STTA2006P
Description  TURBOSWITCH ULTRA-FAST HIGH VOLTAGE DIODE
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STTA2006P Datasheet(HTML) 7 Page - STMicroelectronics

  STTA2006P Datasheet HTML 1Page - STMicroelectronics STTA2006P Datasheet HTML 2Page - STMicroelectronics STTA2006P Datasheet HTML 3Page - STMicroelectronics STTA2006P Datasheet HTML 4Page - STMicroelectronics STTA2006P Datasheet HTML 5Page - STMicroelectronics STTA2006P Datasheet HTML 6Page - STMicroelectronics STTA2006P Datasheet HTML 7Page - STMicroelectronics STTA2006P Datasheet HTML 8Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 7 / 8 page
background image
Obsolete
Product(s)
- Obsolete
Product(s)
STTA2006P/PI
7/8
s
Cooling method : by conduction (C)
s
Recommended torque value : 0.8 m.N
s
Maximum torque value : 1.0 m.N
PACKAGE MECHANICAL DATA
SOD93
REF.
DIMENSIONS
Millimeters
Inches
Min. Typ. Max. Min. Typ. Max.
A
4.70
4.90 0.185
0.193
C
1.17
1.37 0.046
0.054
D
2.50
0.098
D1
1.27
0.050
E
0.50
0.78 0.020
0.031
F
1.10
1.30 0.043
0.051
F3
1.75
0.069
G
10.80
11.10 0.425
0.437
H
14.70
15.20 0.578
0.598
L
12.20
0.480
L2
16.20
0.638
L3
18.0
0.709
L5
3.95
4.15 0.156
0.163
L6
31.00
1.220
O
4.00
4.10 0.157
0.161



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com