Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STTH1L06 Datasheet(PDF) 1 Page - STMicroelectronics

Part # STTH1L06
Description  Turbo 2 ultrafast high voltage rectifier
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STTH1L06 Datasheet(HTML) 1 Page - STMicroelectronics

  STTH1L06 Datasheet HTML 1Page - STMicroelectronics STTH1L06 Datasheet HTML 2Page - STMicroelectronics STTH1L06 Datasheet HTML 3Page - STMicroelectronics STTH1L06 Datasheet HTML 4Page - STMicroelectronics STTH1L06 Datasheet HTML 5Page - STMicroelectronics STTH1L06 Datasheet HTML 6Page - STMicroelectronics STTH1L06 Datasheet HTML 7Page - STMicroelectronics STTH1L06 Datasheet HTML 8Page - STMicroelectronics STTH1L06 Datasheet HTML 9Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
October 2009
Doc ID 8321 Rev 4
1/9
9
STTH1L06
Turbo 2 ultrafast high voltage rectifier
Features
Ultrafast switching
Low reverse recovery current
Reduces switching and conduction losses
Low thermal resistance
Description
The STTH1L06/U/A, which is using ST Turbo 2
600 V technology, is specially suited as boost
diode in discontinuous or critical mode power
factor corrections.
The device is also intended for use as a free
wheeling diode in power supplies and other power
switching applications.
Table 1.
Device summary
Symbol
Value
IF(AV)
1 A
VRRM
600 V
IR (max)
75 µA
Tj (max)
175 °C
VF (max)
1.05 V
trr (max)
80 ns
DO-41
STTH1L06
SMB
STTH1L06U
SMA
STTH1L06A
www.st.com


Similar Part No. - STTH1L06

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STTH1L06 STMICROELECTRONICS-STTH1L06 Datasheet
81Kb / 8P
TURBO 2 ULTRAFAST HIGH VOLTAGE RECTIFIER
Jul-2002
STTH1L06-Y STMICROELECTRONICS-STTH1L06-Y Datasheet
257Kb / 9P
Low conduction losses
01-Aug-2014
STTH1L06-Y STMICROELECTRONICS-STTH1L06-Y Datasheet
248Kb / 10P
Automotive 1 A - 600 V turbo 2 ultrafast rectifier
02-May-2022
STTH1L06-Y STMICROELECTRONICS-STTH1L06-Y_V01 Datasheet
248Kb / 10P
Automotive 1 A - 600 V turbo 2 ultrafast rectifier
02-May-2022
STTH1L06A STMICROELECTRONICS-STTH1L06A Datasheet
81Kb / 8P
TURBO 2 ULTRAFAST HIGH VOLTAGE RECTIFIER
Jul-2002
More results

Similar Description - STTH1L06

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STTH1L06 STMICROELECTRONICS-STTH1L06 Datasheet
81Kb / 8P
TURBO 2 ULTRAFAST HIGH VOLTAGE RECTIFIER
Jul-2002
STTH5R06D STMICROELECTRONICS-STTH5R06D Datasheet
135Kb / 8P
TURBO 2 ULTRAFAST HIGH VOLTAGE RECTIFIER
Oct-2002
STTH60L06 STMICROELECTRONICS-STTH60L06 Datasheet
71Kb / 6P
TURBO 2 ULTRAFAST HIGH VOLTAGE RECTIFIER
10-Sep-2004
STTH506 STMICROELECTRONICS-STTH506 Datasheet
128Kb / 9P
Turbo 2 ultrafast - high voltage rectifier
18-May-2006
STTH8L06 STMICROELECTRONICS-STTH8L06_06 Datasheet
156Kb / 10P
Turbo 2 ultrafast high voltage rectifier
10-Aug-2006
STTH8R06 STMICROELECTRONICS-STTH8R06 Datasheet
173Kb / 12P
Turbo 2 ultrafast high voltage rectifier
10-Aug-2006
STTH8006 STMICROELECTRONICS-STTH8006 Datasheet
88Kb / 6P
Turbo 2 ultrafast high voltage rectifier
15-Dec-2006
STTH8S06 STMICROELECTRONICS-STTH8S06 Datasheet
100Kb / 8P
Turbo 2 ultrafast high voltage rectifier
18-Dec-2007
STTH8R06 STMICROELECTRONICS-STTH8R06_08 Datasheet
172Kb / 12P
Turbo 2 ultrafast high voltage rectifier
16-Apr-2008
STTH50W06S STMICROELECTRONICS-STTH50W06S Datasheet
87Kb / 8P
Turbo 2 ultrafast high voltage rectifier
05-Oct-2012
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com