Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STTH1L06U Datasheet(PDF) 3 Page - STMicroelectronics

Part # STTH1L06U
Description  Turbo 2 ultrafast high voltage rectifier
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STTH1L06U Datasheet(HTML) 3 Page - STMicroelectronics

  STTH1L06U Datasheet HTML 1Page - STMicroelectronics STTH1L06U Datasheet HTML 2Page - STMicroelectronics STTH1L06U Datasheet HTML 3Page - STMicroelectronics STTH1L06U Datasheet HTML 4Page - STMicroelectronics STTH1L06U Datasheet HTML 5Page - STMicroelectronics STTH1L06U Datasheet HTML 6Page - STMicroelectronics STTH1L06U Datasheet HTML 7Page - STMicroelectronics STTH1L06U Datasheet HTML 8Page - STMicroelectronics STTH1L06U Datasheet HTML 9Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 3 / 9 page
background image
STTH1L06
Characteristics
Doc ID 8321 Rev 4
3/9
Table 5.
Dynamic characteristics
Symbol
Parameter
Test conditions
Min.
Typ.
Max.
Unit
trr
Reverse recovery time
Tj = 25 °C
IF = 1 A, dIF/dt = -50, A/µs,
VR = 30 V
55
80
ns
tfr
Forward recovery time
Tj = 25 °C
IF = 1 A, dIF/dt = 100 A/µs
VFR = 3.5 V
50
ns
VFP
Forward recovery
voltage
Tj = 25 °C
IF = 1 A, dIF/dt = 100 A/µs
10
V
Figure 1.
Conduction losses versus
average current
Figure 2.
Forward voltage drop versus
forward current
0.00
0.25
0.50
0.75
1.00
1.25
1.50
0.0
0.1
0.2
0.3
0.4
0.5
0.6
0.7
0.8
0.9
1.0
1.1
1.2
1.3
IF(av)(A)
P(W)
δ = 0.05 δ
= 0.1
δ = 0.2
δ = 0.5
δ = 1
T
δ=tp/T
tp
0.1
1.0
10.0
100.0
0.0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
4.0
4.5
VFM(V)
Tj=25°C
(Maximum values)
Tj=150°C
(Maximum values)
Tj=150°C
(Maximum values)
Tj=150°C
(Typical values)
Tj=150°C
(Typical values)
IFM(A)
Figure 3.
Relative variation of thermal
impedance junction ambient versus
pulse duration
Figure 4.
Relative variation of thermal
impedance junction ambient versus
pulse duration
0.0
0.1
0.2
0.3
0.4
0.5
0.6
0.7
0.8
0.9
1.0
1.E-01
1.E+00
1.E+01
1.E+02
1.E+03
tp(s)
Zth(j-a)/Rth(j-a)
T
δ=tp/T
tp
δ = 0.5
δ = 0.2
δ = 0.1
Single pulse
DO-41
Lleads = 10mm
epoxy FR4, Lead = 10 mm
0.0
0.1
0.2
0.3
0.4
0.5
0.6
0.7
0.8
0.9
1.0
1.E-01
1.E+00
1.E+01
1.E+02
1.E+03
tp(s)
SMB
Zth(j-a)/Rth(j-a)
δ = 0.5
δ = 0.2
δ = 0.1
Single pulse
T
δ=tp/T
tp
epoxy FR4, S = 1 cm²



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com