Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BFT57CSM Datasheet(PDF) 1 Page - Seme LAB

Part # BFT57CSM
Description  Bipolar NPN Device in a Hermetically sealed LCC1
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEME-LAB [Seme LAB]
Direct Link  http://www.semelab.co.uk
Logo SEME-LAB - Seme LAB

BFT57CSM Datasheet(HTML) 1 Page - Seme LAB

  BFT57CSM Datasheet HTML 1Page - Seme LAB  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
BFT57CSM
Bipolar NPN Device.
V
CEO =
160V
I
C = 0.2A
All Semelab hermetically sealed products
can be processed in accordance with the
requirements of BS, CECC and JAN,
JANTX, JANTXV and JANS specifications
Parameter
Test Conditions
Min.
Typ.
Max.
Units
V
CEO*
160
V
I
C(CONT)
0.2
A
h
FE
@ 10/30m (V
CE / IC)
25
-
f
t
110M
Hz
P
D
0.36
W
* Maximum Working Voltage
This is a shortform datasheet. For a full datasheet please contact sales@semelab.co.uk.
Semelab Plc reserves the right to change test conditions, parameter limits and package dimensions without notice. Information furnished by Semelab is believed
to be both accurate and reliable at the time of going to press. However Semelab assumes no responsibility for any errors or omissions discovered in its use.
Generated
2-Aug-02
Bipolar NPN Device in a
Hermetically sealed LCC1
Ceramic Surface Mount
Package for High
Reliability Applications
Semelab plc.
Telephone +44(0)1455 556565. Fax +44(0)1455 552612.
E-mail: sales@semelab.co.uk
Website: http://www.semelab.co.uk
Dimensions in mm (inches).
21
0.51 ± 0.10
(0.02 ± 0.004)
0.31
(0.012)
1.91 ± 0.10
(0.075 ± 0.004)
3.05 ± 0.13
(0.12 ± 0.005)
1.02 ± 0.10
(0.04 ± 0.004)
1.40
(0.055)
max.
A
0.31
(0.012)
rad.
rad.
A =
3
PINOUTS
1 – Base
2 – Emitter
3 - Collector


Similar Part No. - BFT57CSM

ManufacturerPart #DatasheetDescription
logo
Seme LAB
BFT57 SEME-LAB-BFT57 Datasheet
10Kb / 1P
Bipolar NPN Device in a Hermetically sealed TO18 Metal Package
BFT57DCSM SEME-LAB-BFT57DCSM Datasheet
15Kb / 1P
Dual Bipolar NPN Devices in a hermetically sealed
More results

Similar Description - BFT57CSM

ManufacturerPart #DatasheetDescription
logo
Seme LAB
2N916CSM SEME-LAB-2N916CSM Datasheet
14Kb / 1P
Bipolar NPN Device in a Hermetically sealed LCC1
2N2222CSM SEME-LAB-2N2222CSM Datasheet
15Kb / 1P
Bipolar NPN Device in a Hermetically sealed LCC1
2N2368ACSM SEME-LAB-2N2368ACSM Datasheet
15Kb / 1P
Bipolar NPN Device in a Hermetically sealed LCC1
2N3012CSM SEME-LAB-2N3012CSM Datasheet
14Kb / 1P
Bipolar NPN Device in a Hermetically sealed LCC1
BC107CSM SEME-LAB-BC107CSM Datasheet
14Kb / 1P
Bipolar NPN Device in a Hermetically sealed LCC1
BCW34XCSM SEME-LAB-BCW34XCSM Datasheet
14Kb / 1P
Bipolar NPN Device in a Hermetically sealed LCC1
BFY90CSM SEME-LAB-BFY90CSM Datasheet
15Kb / 1P
Bipolar NPN Device in a Hermetically sealed LCC1
BSS73CSM SEME-LAB-BSS73CSM Datasheet
15Kb / 1P
Bipolar NPN Device in a Hermetically sealed LCC1
BSX20CSM SEME-LAB-BSX20CSM Datasheet
14Kb / 1P
Bipolar NPN Device in a Hermetically sealed LCC1
BSX33CSM SEME-LAB-BSX33CSM Datasheet
14Kb / 1P
Bipolar NPN Device in a Hermetically sealed LCC1
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com