Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BFW44CSM Datasheet(PDF) 1 Page - Seme LAB

Part # BFW44CSM
Description  Bipolar PNP Device in a Hermetically sealed LCC1
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEME-LAB [Seme LAB]
Direct Link  http://www.semelab.co.uk
Logo SEME-LAB - Seme LAB

BFW44CSM Datasheet(HTML) 1 Page - Seme LAB

  BFW44CSM Datasheet HTML 1Page - Seme LAB  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
BFW44CSM
Bipolar PNP Device.
V
CEO =
150V
I
C = 0.05A
All Semelab hermetically sealed products
can be processed in accordance with the
requirements of BS, CECC and JAN,
JANTX, JANTXV and JANS specifications
Parameter
Test Conditions
Min.
Typ.
Max.
Units
V
CEO*
150
V
I
C(CONT)
0.05
A
h
FE
@ 10/10m (V
CE / IC)
40
-
f
t
60M
Hz
P
D
0.4
W
* Maximum Working Voltage
This is a shortform datasheet. For a full datasheet please contact sales@semelab.co.uk.
Semelab Plc reserves the right to change test conditions, parameter limits and package dimensions without notice. Information furnished by Semelab is believed
to be both accurate and reliable at the time of going to press. However Semelab assumes no responsibility for any errors or omissions discovered in its use.
Generated
2-Aug-02
Bipolar PNP Device in a
Hermetically sealed LCC1
Ceramic Surface Mount
Package for High
Reliability Applications
Semelab plc.
Telephone +44(0)1455 556565. Fax +44(0)1455 552612.
E-mail: sales@semelab.co.uk
Website: http://www.semelab.co.uk
Dimensions in mm (inches).
21
0.51 ± 0.10
(0.02 ± 0.004)
0.31
(0.012)
1.91 ± 0.10
(0.075 ± 0.004)
3.05 ± 0.13
(0.12 ± 0.005)
1.02 ± 0.10
(0.04 ± 0.004)
1.40
(0.055)
max.
A
0.31
(0.012)
rad.
rad.
A =
3
PINOUTS
1 – Base
2 – Emitter
3 - Collector


Similar Part No. - BFW44CSM

ManufacturerPart #DatasheetDescription
logo
Seme LAB
BFW44 SEME-LAB-BFW44 Datasheet
11Kb / 1P
Bipolar PNP Device in a Hermetically sealed TO39 Metal Package
logo
Central Semiconductor C...
BFW44 CENTRAL-BFW44 Datasheet
56Kb / 1P
Small Signal Transistors
logo
Seme LAB
BFW44DCSM SEME-LAB-BFW44DCSM Datasheet
15Kb / 1P
Dual Bipolar PNP Devices in a hermetically sealed
More results

Similar Description - BFW44CSM

ManufacturerPart #DatasheetDescription
logo
Seme LAB
2N727CSM SEME-LAB-2N727CSM Datasheet
14Kb / 1P
Bipolar PNP Device in a Hermetically sealed LCC1
2N2605CSM SEME-LAB-2N2605CSM Datasheet
14Kb / 1P
Bipolar PNP Device in a Hermetically sealed LCC1
2N2696CSM SEME-LAB-2N2696CSM Datasheet
15Kb / 1P
Bipolar PNP Device in a Hermetically sealed LCC1
2N2904CSM SEME-LAB-2N2904CSM Datasheet
14Kb / 1P
Bipolar PNP Device in a Hermetically sealed LCC1
2N2906CSM SEME-LAB-2N2906CSM Datasheet
14Kb / 1P
Bipolar PNP Device in a Hermetically sealed LCC1
2N3250XCSM SEME-LAB-2N3250XCSM Datasheet
14Kb / 1P
Bipolar PNP Device in a Hermetically sealed LCC1
2N3486CSM SEME-LAB-2N3486CSM Datasheet
14Kb / 1P
Bipolar PNP Device in a Hermetically sealed LCC1
2N3964CSM SEME-LAB-2N3964CSM Datasheet
14Kb / 1P
Bipolar PNP Device in a Hermetically sealed LCC1
BC212CSM SEME-LAB-BC212CSM Datasheet
15Kb / 1P
Bipolar PNP Device in a Hermetically sealed LCC1
FMMT591CSM SEME-LAB-FMMT591CSM Datasheet
15Kb / 1P
Bipolar PNP Device in a Hermetically sealed LCC1
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com