Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STTH108 Datasheet(PDF) 3 Page - STMicroelectronics

Part # STTH108
Description  High voltage ultrafast rectifier
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STTH108 Datasheet(HTML) 3 Page - STMicroelectronics

  STTH108 Datasheet HTML 1Page - STMicroelectronics STTH108 Datasheet HTML 2Page - STMicroelectronics STTH108 Datasheet HTML 3Page - STMicroelectronics STTH108 Datasheet HTML 4Page - STMicroelectronics STTH108 Datasheet HTML 5Page - STMicroelectronics STTH108 Datasheet HTML 6Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
STTH108
Characteristics
Doc ID 9342 Rev 3
3/6
Figure 1.
Conduction losses versus average
current
Figure 2.
Forward voltage drop versus
forward current
P(W)
0.0
0.2
0.4
0.6
0.8
1.0
1.2
1.4
1.6
0.0
0.1
0.2
0.3
0.4
0.5
0.6
0.7
0.8
0.9
1.0
1.1
1.2
I
(A)
F(AV)
T
δ=tp/T
tp
δ = 1
δ = 0.05
δ = 0.5
δ = 0.2
δ = 0.1
0.1
1.0
10.0
100.0
0.0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
4.0
4.5
I
(A)
FM
V
(V)
FM
T =25°C
(maximum values)
j
T =150°C
(maximum values)
j
T =150°C
(typical values)
j
Figure 3.
Relative variation of thermal
impedance junction ambient versus
pulse duration (DO-41)
Figure 4.
Relative variation of thermal
impedance junction ambient versus
pulse duration (epoxy FR4) (SMA)
Z/R
th(j-c)
th(j-c)
0.0
0.1
0.2
0.3
0.4
0.5
0.6
0.7
0.8
0.9
1.0
1.E-01
1.E+00
1.E+01
1.E+02
1.E+03
t (s)
p
T
δ=tp/T
tp
δ = 0.5
δ = 0.2
δ = 0.1
Single pulse
epoxy FR4, leads = 10 mm
0.0
0.1
0.2
0.3
0.4
0.5
0.6
0.7
0.8
0.9
1.0
1.E-01
1.E+00
1.E+01
1.E+02
1.E+03
Z/R
th(j-c)
th(j-c)
t (s)
p
T
δ=tp/T
tp
δ = 0.5
δ = 0.2
δ = 0.1
Single pulse
Figure 5.
Thermal resistance junction to
ambient versus copper surface
under each lead (DO-41)
Figure 6.
Thermal resistance junction to
ambient versus copper surface
under each lead (SMA)
R
(°C/W)
th(j-a)
0
10
20
30
40
50
60
70
80
90
100
110
120
012
34567
89
10
S(cm²)
epoxy printed circuit board FR4, copper thickness: 35 µm
0
10
20
30
40
50
60
70
80
90
100
110
120
130
140
0.0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
4.0
4.5
5.0
R
(°C/W)
th(j-a)
S(cm²)
epoxy printed circuit board FR4, copper thickness: 35 µm



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com