Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STTH6112TV2 Datasheet(PDF) 1 Page - STMicroelectronics

Part # STTH6112TV2
Description  Ultrafast recovery - 1200 V diode
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STTH6112TV2 Datasheet(HTML) 1 Page - STMicroelectronics

  STTH6112TV2 Datasheet HTML 1Page - STMicroelectronics STTH6112TV2 Datasheet HTML 2Page - STMicroelectronics STTH6112TV2 Datasheet HTML 3Page - STMicroelectronics STTH6112TV2 Datasheet HTML 4Page - STMicroelectronics STTH6112TV2 Datasheet HTML 5Page - STMicroelectronics STTH6112TV2 Datasheet HTML 6Page - STMicroelectronics STTH6112TV2 Datasheet HTML 7Page - STMicroelectronics STTH6112TV2 Datasheet HTML 8Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
March 2006
Rev 1
1/8
8
STTH6112TV
Ultrafast recovery - 1200 V diode
Main product characteristics
Features and benefits
■ Ultrafast, soft recovery
■ Very low conduction and switching losses
■ High frequency and/or high pulsed current
operation
■ High reverse voltage capability
■ High junction temperature
■ Insulated package:
Electrical insulation = 2500 VRMS
Capacitance < 45 pF
Description
The high quality design of this diode has
produced a device with low leakage current,
regularly reproducible characteristics and intrinsic
ruggedness. These characteristics make it ideal
for heavy duty applications that demand long term
reliability.
Such demanding applications include industrial
power supplies, motor control, and similar
mission-critical systems that require rectification
and freewheeling. These diodes also fit into
auxiliary functions such as snubber, bootstrap,
and demagnetization applications.
The improved performance in low leakage
current, and therefore thermal runaway guard
band, is an immediate competitive advantage for
this device.
Order codes
IF(AV)
2 x 30 A
VRRM
1200 V
Tj
150° C
VF (typ)
1.30 V
trr (typ)
45 ns
Part Number
Marking
STTH6112TV1
STTH6112TV1
STTH6112TV2
STTH6112TV2
K2
K1
A2
A1
K2
K1
A2
A1
A1
A2
K1
K2
A1
A2
K1
K2
STTH6112TV2
STTH6112TV1
ISOTOP
www.st.com


Similar Part No. - STTH6112TV2

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STTH6110TV STMICROELECTRONICS-STTH6110TV Datasheet
148Kb / 8P
Ultrafast recovery - high voltage diode
22-Feb-2006
STTH6110TV1 STMICROELECTRONICS-STTH6110TV1 Datasheet
148Kb / 8P
Ultrafast recovery - high voltage diode
22-Feb-2006
STTH6110TV2 STMICROELECTRONICS-STTH6110TV2 Datasheet
148Kb / 8P
Ultrafast recovery - high voltage diode
22-Feb-2006
logo
Inchange Semiconductor ...
STTH6110TV2 ISC-STTH6110TV2 Datasheet
545Kb / 3P
Ultrafast recovery - high voltage diode
More results

Similar Description - STTH6112TV2

ManufacturerPart #DatasheetDescription
logo
Seme LAB
SML50EUZ12B SEME-LAB-SML50EUZ12B Datasheet
47Kb / 2P
Enhanced Ultrafast Recovery Diode 1200 Volt, 50 Amp
logo
STMicroelectronics
STTH812 STMICROELECTRONICS-STTH812 Datasheet
192Kb / 11P
Ultrafast recovery - 1200 V diode
02-Mar-2006
STTH312 STMICROELECTRONICS-STTH312 Datasheet
148Kb / 8P
Ultrafast recovery - 1200 V diode
02-Mar-2006
STTH3012 STMICROELECTRONICS-STTH3012 Datasheet
121Kb / 9P
Ultrafast recovery - 1200 V diode
02-Mar-2006
STTH512 STMICROELECTRONICS-STTH512 Datasheet
125Kb / 10P
Ultrafast recovery - 1200 V diode
02-Mar-2006
STTH6012 STMICROELECTRONICS-STTH6012 Datasheet
111Kb / 8P
Ultrafast recovery - 1200 V diode
02-Mar-2006
STTH9012TV STMICROELECTRONICS-STTH9012TV Datasheet
146Kb / 8P
Ultrafast recovery - 1200 V diode
02-Mar-2006
STTH12012TV STMICROELECTRONICS-STTH12012TV Datasheet
146Kb / 8P
Ultrafast recovery - 1200 V diode
02-Mar-2006
STTH1212 STMICROELECTRONICS-STTH1212 Datasheet
129Kb / 9P
Ultrafast recovery - 1200 V diode
02-Mar-2006
STTH1512 STMICROELECTRONICS-STTH1512 Datasheet
148Kb / 11P
Ultrafast recovery - 1200 V diode
02-Mar-2006
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com