Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STW3040 Datasheet(PDF) 3 Page - STMicroelectronics

Part # STW3040
Description  High voltage fast-switching NPN power transistor
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STW3040 Datasheet(HTML) 3 Page - STMicroelectronics

  STW3040 Datasheet HTML 1Page - STMicroelectronics STW3040 Datasheet HTML 2Page - STMicroelectronics STW3040 Datasheet HTML 3Page - STMicroelectronics STW3040 Datasheet HTML 4Page - STMicroelectronics STW3040 Datasheet HTML 5Page - STMicroelectronics STW3040 Datasheet HTML 6Page - STMicroelectronics STW3040 Datasheet HTML 7Page - STMicroelectronics STW3040 Datasheet HTML 8Page - STMicroelectronics STW3040 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 10 page
background image
STW3040
Electrical characteristics
3/10
2
Electrical characteristics
(Tcase = 25°C; unless otherwise specified)
Table 4.
Electrical characteristics
Symbol
Parameter
Test conditions
Min.
Typ.
Max.
Unit
ICES
Collector cut-off current
(VBE = 0)
VCE = 700 V
1mA
IEBO
Emitter cut-off current
(IC = 0)
VEB = 9 V
1mA
V(BR)CEO
Collector-emitter
breakdown (IB = 0)
IC = 10 mA
400
V
VCE(sat)
(1)
1.
Pulse duration = 300 ms, duty cycle
≤1.5 %
Collector-emitter
saturation voltage
IC = 6 A __
IB = 1.2 A
IC = 20 A _
IB = 4 A
0.1
0.4
0.8
V
V
VBE(sat)
(1)
Base-emitter saturation
voltage
IC = 6 A__
IB = 1.2 A
IC = 20 A _
IB = 4 A
1.2
1.5
V
V
hFE
(1)
DC current gain
IC = 10 mA
VCE = 5 V
IC = 6 A ___ _ VCE = 5 V
IC = 20 A
VCE = 5 V
10
18
10
30
40
ton
ts
tf
Resistive load
Turn-on time
Storage time
Fall time
IC = 20 A
VCC = 200 V
Ib(on) = 4 A
Ib(off) = -8 A
0.5
2.5
0.3
µs
µs
µs



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com