Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STWH13009 Datasheet(PDF) 2 Page - STMicroelectronics

Part # STWH13009
Description  High voltage fast-switching NPN power transistor
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STWH13009 Datasheet(HTML) 2 Page - STMicroelectronics

  STWH13009 Datasheet HTML 1Page - STMicroelectronics STWH13009 Datasheet HTML 2Page - STMicroelectronics STWH13009 Datasheet HTML 3Page - STMicroelectronics STWH13009 Datasheet HTML 4Page - STMicroelectronics STWH13009 Datasheet HTML 5Page - STMicroelectronics STWH13009 Datasheet HTML 6Page - STMicroelectronics STWH13009 Datasheet HTML 7Page - STMicroelectronics STWH13009 Datasheet HTML 8Page - STMicroelectronics STWH13009 Datasheet HTML 9Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
Absolute maximum ratings
STWH13009
2/9
1
Absolute maximum ratings
Table 3.
Thermal data
Table 2.
Absolute maximum ratings
Symbol
Parameter
Value
Unit
VCEV
Collector-emitter voltage (VBE = -1.5V)
700
V
VCEO
Collector-emitter voltage (IB = 0)
400
V
VEBO
Emitter-base voltage (IC = 0)
12
V
IC
Collector current
12
A
ICM
Collector peak current (tp < ms)
24
A
IB
Base current
6
A
IBM
Base peak current (tp < ms)
12
A
PTOT
Total dissipation at Tcase = 25°C
125
W
Tstg
Storage temperature
-65 to 150
°C
TJ
Max. operating junction temperature
150
°C
Symbol
Parameters
Value
Unit
Rthj-case
Thermal resistance junction-case
__max
1
°C/W



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com