Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STX616-AP Datasheet(PDF) 3 Page - STMicroelectronics

Part # STX616-AP
Description  High voltage NPN power transistor
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STX616-AP Datasheet(HTML) 3 Page - STMicroelectronics

  STX616-AP Datasheet HTML 1Page - STMicroelectronics STX616-AP Datasheet HTML 2Page - STMicroelectronics STX616-AP Datasheet HTML 3Page - STMicroelectronics STX616-AP Datasheet HTML 4Page - STMicroelectronics STX616-AP Datasheet HTML 5Page - STMicroelectronics STX616-AP Datasheet HTML 6Page - STMicroelectronics STX616-AP Datasheet HTML 7Page - STMicroelectronics STX616-AP Datasheet HTML 8Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
STX616 STX616-AP
Electrical characteristics
3/8
2
Electrical characteristics
(Tcase = 25°C unless otherwise specified)
Note (1) Pulsed duration = 300
µs, duty cycle ≤1.5%
Table 4.
Electrical characteristics
Symbol
Parameter
Test conditions
Min.
Typ.
Max.
Unit
ICES
Collector cut-off current
(VBE =0)
VCE = 980V
VCE = 980V
Tc = 125°C
50
0.5
µA
mA
VCE(sus)
(1)
Collector-emitter
sustaining voltage
(IB = 0)
IC = 10mA
500
V
VEBO
Emitter-base voltage
(IC = 0)
IE = 1mA
12
V
VCE(sat)
(1)
Collector-emitter
saturation voltage
IC = 0.2A
IB = 40mA
IC = 1A
IB = 200mA
0.5
1
V
V
VBE(sat)
(1)
Base-emitter saturation
voltage
IC = 0.2A
IB = 40mA
IC = 1A
IB = 200mA
1
1.4
V
V
hFE
(1)
DC current gain
IC = 500µA
VCE = 2V
IC = 200mA
VCE = 5V
IC = 500mA
VCE = 5V
IC = 1.5A
VCE = 5V
17
25
12
4
ton
ts
tf
RESISTIVE LOAD
Turn-on time
Storage time
Fall time
VCC = 250V
IC = 250mA
IB1 = 65mA
IB2 = -130mA
0.2
5
0.65
µs
µs
µs
ton
ts
tf
RESISTIVE LOAD
Turn-on time
Storage time
Fall time
VCC = 250V IC = 0.8A
IB1 = 160mA IB2 = -0.4A
1
2.5
0.35
µs
µs
µs
ts
tf
INDUCTIVE LOAD
Storage time
Fall time
Vcl = 300V
IC = 250mA
IB1 = 65mA
IB2 = -130mA
L = 200
µH
5
0.5
µs
µs
ts
tf
INDUCTIVE LOAD
Storage time
Fall time
Vcl = 300V
IC = 0.8A
IB1 = 160mA IB2 = -0.4A
L = 200
µH
2.5
0.25
µs
µs



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com