Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TDA7429T Datasheet(PDF) 11 Page - STMicroelectronics

Part # TDA7429T
Description  DIGITALLY CONTROLLED AUDIO PROCESSOR WITH SURROUND SOUND MATRIX
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TDA7429T Datasheet(HTML) 11 Page - STMicroelectronics

Back Button TDA7429T Datasheet HTML 7Page - STMicroelectronics TDA7429T Datasheet HTML 8Page - STMicroelectronics TDA7429T Datasheet HTML 9Page - STMicroelectronics TDA7429T Datasheet HTML 10Page - STMicroelectronics TDA7429T Datasheet HTML 11Page - STMicroelectronics TDA7429T Datasheet HTML 12Page - STMicroelectronics TDA7429T Datasheet HTML 13Page - STMicroelectronics TDA7429T Datasheet HTML 14Page - STMicroelectronics TDA7429T Datasheet HTML 15Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 22 page
background image
Obsolete
Product(s)
- Obsolete
Product(s)
11/22
TDA7429
5
EXAMPLES
5.1 No Incremental Bus
The TDA7429 receives a start condition, the correct chip address, a subaddress with the MSB = 0 (no incre-
mental bus), N-datas (all these datas concern the subaddress selected), a stop condition.
Figure 12.
5.2 Incremental Bus
The TDA7429 receives a start condition, the correct chip address, a subaddress with the MSB = 1 (incremental
bus): now it is in a loop condition with an autoincrease of the subaddress whereas SUBADDRESS from
"1XXX1010" to "1XXX1111" of DATA are ignored.The DATA 1 concern thesubaddress sent, and the DATA 2
concern the subaddress sent plus one in the loop etc, and at the end it receivers the stop condition.
Figure 13.
6
DATA BYTES
Address = 80(HEX)
6.1 Function Selection
Table 6. The first byte (Subaddress)
B = 1 incremental bus; active
B = 0 no incremental bus;
X = indifferent 0,1
MSB
LSB
SUBADDRESS
D7
D6
D5
D4
D3
D2
D1
D0
B
X
X
X
0
0
0
0
INPUT ATTENUATION
B
X
X
X
0
0
0
1
SURROUND & OUT & EFFECT CONTROL
B
X
X
X
0
0
1
0
PHASE RESISTOR
B
X
X
X
0
0
1
1
BASS & NATURAL BASE
BX
XX
0
1
0
0
MIDDLE & TREBLE
B
X
X
X
0
1
0
1
SPEAKER ATTENUATION "L"
B
X
X
X
0
1
1
0
SPEAKER ATTENUATION "R"
BX
XX
0
1
1
1
AUX ATTENUATION "L"
BX
XX
1
0
0
0
AUX ATTENUATION"R"
B
X
X
X
1
0
0
1
INPUT MULTIPLEXER, & AUX OUT
S
1
0
0
0
0
0
A
0
ACK
ACK
DATA
ACK
P
MSB
LSB
MSB
LSB
MSB
LSB
CHIP ADDRESS
D95AU306
0
D3
SUBADDRESS
DATA
X
X
X
D2 D1 D0
S
1
0
0
0
0
0
A
0
ACK
ACK
DATA
ACK
P
MSB
LSB
MSB
LSB
MSB
LSB
CHIP ADDRESS
D95AU307
1
D3
SUBADDRESS
DATA 1 to DATA n
X
X
X
D2 D1 D0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com