Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

OST10WG09GD-R5PAS1C1A Datasheet(PDF) 2 Page - OptoSupply International

Part # OST10WG09GD-R5PAS1C1A
Description  PRODUCT SPECIFICATION FOR LED Light Module
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OPTOSUPPLY [OptoSupply International]
Direct Link  http://www.optosupply.com
Logo OPTOSUPPLY - OptoSupply International

OST10WG09GD-R5PAS1C1A Datasheet(HTML) 2 Page - OptoSupply International

  OST10WG09GD-R5PAS1C1A Datasheet HTML 1Page - OptoSupply International OST10WG09GD-R5PAS1C1A Datasheet HTML 2Page - OptoSupply International OST10WG09GD-R5PAS1C1A Datasheet HTML 3Page - OptoSupply International  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
2
Device Selection Guide
1
Module No.
Color
Dom.
Wavelength(Typ.)
Condition
Luminous Flux /
Per LED(Typ.)
R5PAS1C1A
Red
625±5nm
IF=20mA
1.5 lm
O5GAS1C1A
Orange
605±5nm
IF=20mA
1.5 lm
Y5PAS1C1A
Yellow
590±5nm
IF=20mA
1.5 lm
G5DAS1C1A
Green
525±5nm
IF=20mA
3.0 lm
B5SAS1C1A
Blue
470±5nm
IF=20mA
1.0 lm
W44LS1C1A
White
X=0.31 ; Y=0.33
IF=20mA
7.0 lm
M54LS1C1A
Warm White
X=0.45 ; Y=0.41
IF=20mA
6.0 lm
K5DLS1C1A
Pink
X=0.45 ; Y=0.17
IF=20mA
0.5 lm
Absolute Maximum Ratings(Ta=25℃)
1
Items
Symbol
Values
Units
Operating Supply Range(DC)
Vidc
14
V
Input Current (DC)
Ii
125
mA
Power Dissipation
Pa
1.75
W
LED Light Source Temperature
Tled
105
DegC
Operating Temperature
Tope
-20 ~ +75
DegC
Storage Temperature
Tsto
-20 ~ +80
DegC
Typical Performance (Ta=25℃)
1
Items
Symbol
Min.
Typ.
Max.
Units
LED Module Power
Pm
-
1.2
1.75
w
Input Voltage(DC)
Vi
-
12
14
V
Product Input Current
If
-
100
125
mA
Beam Pattern
BP
-
360
-
Deg
Modules Size
Size.
-
31*9.18
-
mm
Net Weight
Wei.
-
2.4
-
g
Model No.
OST10WG09GD-
XXXXS1C1A
REV.
C1



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com