Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TDA8133 Datasheet(PDF) 11 Page - STMicroelectronics

Part # TDA8133
Description  5.1 V and 8 V dual voltage regulator with disable and reset functions
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TDA8133 Datasheet(HTML) 11 Page - STMicroelectronics

Back Button TDA8133 Datasheet HTML 6Page - STMicroelectronics TDA8133 Datasheet HTML 7Page - STMicroelectronics TDA8133 Datasheet HTML 8Page - STMicroelectronics TDA8133 Datasheet HTML 9Page - STMicroelectronics TDA8133 Datasheet HTML 10Page - STMicroelectronics TDA8133 Datasheet HTML 11Page - STMicroelectronics TDA8133 Datasheet HTML 12Page - STMicroelectronics TDA8133 Datasheet HTML 13Page - STMicroelectronics TDA8133 Datasheet HTML 14Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 11 / 14 page
background image
Obsolete
Product(s)
- Obsolete
Product(s)
TDA8133
Package mechanical data
11/14
Figure 11.
16-pin plastic dual in-line package, 300 mil width
L3
0.25
0.010
M3.2
0.126
N1
0.039
Table 6.
9-pin plastic single in-line package dimensions (continued)
Dim.
mm
Inches
Min.
Typ.
Max.
Min.
Typ.
Max.
Table 7.
16-pin plastic dual in-line package dimensions
Dim.
mm
Inches
Min.
Typ.
Max.
Min.
Typ.
Max.
A
5.33
0.210
A1
0.38
0.015
A2
2.92
3.30
4.95
0.115
0.130
0.195
b
0.36
0.56
0.014
0.022
b2
1.52
1.78
0.060
0.070
c
0.20
0.25
0.36
0.008
0.010
0.014
D
18.67
19.18
19.69
0.735
0.755
0.775
e
2.54
0.100
E1
6.10
6.35
7.11
0.240
0.250
0.280
L
2.92
3.30
3.81
0.115
0.130
0.150



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com