Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TIP33C Datasheet(PDF) 3 Page - STMicroelectronics

Part # TIP33C
Description  Complementary power transistors
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TIP33C Datasheet(HTML) 3 Page - STMicroelectronics

  TIP33C_08 Datasheet HTML 1Page - STMicroelectronics TIP33C_08 Datasheet HTML 2Page - STMicroelectronics TIP33C_08 Datasheet HTML 3Page - STMicroelectronics TIP33C_08 Datasheet HTML 4Page - STMicroelectronics TIP33C_08 Datasheet HTML 5Page - STMicroelectronics TIP33C_08 Datasheet HTML 6Page - STMicroelectronics TIP33C_08 Datasheet HTML 7Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
TIP34C
Electrical characteristics
3/7
2
Electrical characteristics
(Tcase = 25 °C; unless otherwise specified)
Table 4.
Electrical characteristics
Symbol
Parameter
Test conditions
Min.
Typ.
Max.
Unit
ICES
Collector cut-off current
(VBE = 0)
VCE = 140 V
0.4
mA
ICEO
Collector cut-off current
(IB = 0)
VCE = 60 V
0.7
mA
IEBO
Emitter cut-off current
(IC = 0)
VEB = 5 V
1mA
VCEO(sus)
(1)
1.
Pulsed duration = 300 ms, duty cycle
≥ 1.5%.
Collector-emitter
sustaining voltage
(IB = 0)
IC = 30 mA
100
V
VCE(sat)
(1)
Collector-emitter
saturation voltage
IC = 3 A __
IB = 0.3 A
IC = 10 A _
IB = 2.5 A
1
4
V
V
VBE(on)
(1)
Base-emitter voltage
IC = 3 A ___
VCE = 4 V
IC = 10 A __
VCE = 4 V
1.6
3
V
V
hFE
(1)
DC current gain
IC = 1 A___
VCE = 4 V
IC = 3 A ___
VCE = 4 V
40
20
100
hfe
Small signal current gain
IC = 0.5 A_
VCE = 10 V
f = 1 kHz
3
fT
Transition frequency
IC = 0.5 A_
VCE = 10 V
f = 1 MHz
3MHz
ton
ts
tf
Resistive load
Turn-on time
Storage time
Fall time
VCC = 30 V
IC = 6 A
IB1 = -IB2 = 0.6 A VBB = -6 V
tp = 20 µs
0.6
0.4
1
µs
µs
µs



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com