Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TIP36CP Datasheet(PDF) 3 Page - STMicroelectronics

Part # TIP36CP
Description  Complementary power transistors
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TIP36CP Datasheet(HTML) 3 Page - STMicroelectronics

  TIP36CP Datasheet HTML 1Page - STMicroelectronics TIP36CP Datasheet HTML 2Page - STMicroelectronics TIP36CP Datasheet HTML 3Page - STMicroelectronics TIP36CP Datasheet HTML 4Page - STMicroelectronics TIP36CP Datasheet HTML 5Page - STMicroelectronics TIP36CP Datasheet HTML 6Page - STMicroelectronics TIP36CP Datasheet HTML 7Page - STMicroelectronics TIP36CP Datasheet HTML 8Page - STMicroelectronics TIP36CP Datasheet HTML 9Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 3 / 9 page
background image
TIP35CP - TIP36CP
Electrical characteristics
3/9
2
Electrical characteristics
(Tcase = 25 °C; unless otherwise specified)
Table 4.
Electrical characteristics
Symbol
Parameter
Test conditions
Min.
Typ.
Max.
Unit
ICEO
Collector cut-off current
(IB = 0)
VCE = 60 V
1mA
IEBO
Emitter cut-off current
(IC = 0)
VEB = 5 V
1mA
ICES
Collector cut-off current
(VBE = 0)
VCE = 100 V
0.7
mA
VCEO(sus)
(1)
1.
Pulsed duration = 300 ms, duty cycle
≥ 1.5%.
For PNP type voltage and current are negative.
Collector-emitter
sustaining voltage
(IB = 0)
IC = 30 mA
100
V
VCE(sat)
(1)
Collector-emitter
saturation voltage
IC = 15 A __
IB = 1.5 A
IC = 25 A _
IB = 5 A
1.8
4
V
V
VBE(on)
(1)
Base-emitter voltage
IC = 15 A __
VCE = 4 V
IC = 25 A _
VCE = 4 V
2
4
V
V
hFE
(1)
DC current gain
IC = 1.5 A_
VCE = 4 V
IC = 15 A __
VCE = 4 V
25
10
50
fT
Transition frequency
IC = 1 A_
VCE = 10 V
f = 1 MHz
3MHz



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com