Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TIP42C Datasheet(PDF) 4 Page - STMicroelectronics

Part # TIP42C
Description  Complementary power transistors
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TIP42C Datasheet(HTML) 4 Page - STMicroelectronics

  TIP42C Datasheet HTML 1Page - STMicroelectronics TIP42C Datasheet HTML 2Page - STMicroelectronics TIP42C Datasheet HTML 3Page - STMicroelectronics TIP42C Datasheet HTML 4Page - STMicroelectronics TIP42C Datasheet HTML 5Page - STMicroelectronics TIP42C Datasheet HTML 6Page - STMicroelectronics TIP42C Datasheet HTML 7Page - STMicroelectronics TIP42C Datasheet HTML 8Page - STMicroelectronics TIP42C Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 12 page
background image
Electrical characteristics
TIP41C - TIP42C
4/12
2
Electrical characteristics
(Tcase = 25°C; unless otherwise specified)
Note:
1
Product is pre-selected in DC current gain (group R, group O and group Y).
STMicroelectronics reserves the right to ship either groups according to production
availability. Please contact your nearest STMicroelectronics sales office for delivery details.
Note:
For PNP types voltage e current values are negative.
Table 3.
Electrical characteristics
Symbol
Parameter
Test conditions
Min.
Typ.
Max.
Unit
ICEO
Collector cut-off current
(IB = 0)
VCE = 60 V
0.7
mA
IEBO
Emitter cut-off current
(IC = 0)
VEB = 5 V
1mA
ICES
Collector cut-off current
(VBE = 0)
VCE = 100 V
0.4
mA
VCEO(sus)
(1)
1.
Pulsed duration = 300 ms, duty cycle
≥1.5%.
Collector-emitter
sustaining voltage (IB = 0)
IC = 30 mA
100
V
VCE(sat)
(1)
Collector-emitter
saturation voltage
IC = 6 A __
IB = 0.6 A
1.5
V
VBE(on)
(1)
Base-emitter voltage
IC = 6 A ___
VCE = 4 V
2V
hFE
(1)
DC current gain
IC = 0.3 A_ _
VCE = 4 V
IC = 3 A ____
VCE = 4 V
Group R
Group O
Group Y
30
15
15
24
42
75
28
44
75



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com