Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TYN1008 Datasheet(PDF) 1 Page - STMicroelectronics

Part # TYN1008
Description  Sensitive and standard 8 A SCRs
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TYN1008 Datasheet(HTML) 1 Page - STMicroelectronics

  TYN1008 Datasheet HTML 1Page - STMicroelectronics TYN1008 Datasheet HTML 2Page - STMicroelectronics TYN1008 Datasheet HTML 3Page - STMicroelectronics TYN1008 Datasheet HTML 4Page - STMicroelectronics TYN1008 Datasheet HTML 5Page - STMicroelectronics TYN1008 Datasheet HTML 6Page - STMicroelectronics TYN1008 Datasheet HTML 7Page - STMicroelectronics TYN1008 Datasheet HTML 8Page - STMicroelectronics TYN1008 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
January 2010
Doc ID 7476 Rev 6
1/12
12
TN805, TN815, TS820
TYN608, TYN808, TYN1008
Sensitive and standard 8 A SCRs
Features
■ On-state rms current, IT(RMS) 8 A
■ Repetitive peak off-state voltage, VDRM/VRRM
600 to 1000 V
■ Triggering gate current, IGT 0.2 to 15 mA
Description
Available either in sensitive (TS8) or standard
(TN8 / TYN) gate triggering levels, the 8 A SCR
series is suitable to fit all modes of control found
in applications such as overvoltage crowbar
protection, motor control circuits in power tools
and kitchen aids, inrush current limiting circuits,
capacitive discharge ignition and voltage
regulation circuits.
Available in through-hole or surface-mount
packages, they provide an optimized performance
in a limited space.
A
K
G
A
K
G
A
A
A
K
G
A
K
G
A
A
K
G
A
TO-220AB
(TS820-xxxT)
TO-220AB
(TYNx08RG)
DPAK
TN805-xxxB
TN815-xxxB
TS820-xxxB
IPAK
TN805-xxxH
TN815-xxxH
TS820-xxxH
Table 1.
Device summary
Order code
Voltage (xxx) VDRM/VRRM
Sensitivity
IGT
Package
600 V
700 V
800 V
1000 V
TN805-xxxB
X
X
5 mA
DPAK
TN805-xxxH
X
X
5 mA
IPAK
TN815-xxxB
X
X
15 mA
DPAK
TN815-xxxH
X
X
15 mA
IPAK
TS820-xxxB
X
X
0.2 mA
DPAK
TS820-xxxH
X
X
0.2 mA
IPAK
TS820-xxxT
X
X
0.2 mA
TO-220AB
TYNx08RG
X
X
X
15 mA
TO-220AB
www.st.com


Similar Part No. - TYN1008

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
TYN1008 STMICROELECTRONICS-TYN1008 Datasheet
341Kb / 5P
Silicon controlled rectifiers
Apr-1995
logo
Kersemi Electronic Co.,...
TYN1008 KERSEMI-TYN1008 Datasheet
487Kb / 9P
8A SCRs
logo
STMicroelectronics
TYN1008G STMICROELECTRONICS-TYN1008G Datasheet
341Kb / 5P
Silicon controlled rectifiers
Apr-1995
TYN1008RG STMICROELECTRONICS-TYN1008RG Datasheet
162Kb / 9P
8A SCRs
Apr-2002
More results

Similar Description - TYN1008

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
TN12 STMICROELECTRONICS-TN12_07 Datasheet
153Kb / 12P
Sensitive and Standard 12 A SCRS
08-Mar-2007
TYN412RG STMICROELECTRONICS-TYN412RG Datasheet
156Kb / 13P
Sensitive and standard 12 A SCRs
12-Oct-2009
TS820-600T STMICROELECTRONICS-TS820-600T Datasheet
160Kb / 13P
Sensitive and standard 8 A SCRs
10-Oct-2011
logo
Nell Semiconductor Co.,...
8PT NELLSEMI-8PT_14 Datasheet
414Kb / 7P
Sensitive and Standard SCRs, 8A
12PT NELLSEMI-12PT_14 Datasheet
3Mb / 7P
Sensitive and Standard SCRs, 12A
logo
STMicroelectronics
TS1220-600T STMICROELECTRONICS-TS1220-600T Datasheet
156Kb / 13P
Sensitive and standard 12 A SCRs
12-Oct-2009
logo
Littelfuse
S8008DRP LITTELFUSE-S8008DRP Datasheet
411Kb / 1P
8 Amp Sensitive Standard SCRs
logo
Nell Semiconductor Co.,...
8PT NELLSEMI-8PT Datasheet
413Kb / 7P
Sensitive and Standard SCRs, 8A
12PT NELLSEMI-12PT Datasheet
3Mb / 7P
Sensitive and Standard SCRs, 12A
12PT NELLSEMI-12PT_18 Datasheet
978Kb / 7P
Sensitive and Standard SCRs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com