Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

OST25US12GD-R5RU5F71B Datasheet(PDF) 1 Page - OptoSupply International

Part # OST25US12GD-R5RU5F71B
Description  T25-12LAMPS AUTO LED Green light source, fast response
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OPTOSUPPLY [OptoSupply International]
Direct Link  http://www.optosupply.com
Logo OPTOSUPPLY - OptoSupply International

OST25US12GD-R5RU5F71B Datasheet(HTML) 1 Page - OptoSupply International

  OST25US12GD-R5RU5F71B Datasheet HTML 1Page - OptoSupply International OST25US12GD-R5RU5F71B Datasheet HTML 2Page - OptoSupply International  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
1
T25-12LAMPS AUTO LED
Descriptions:
1
• Green light source, fast response
• Long life, easy installation
• Voltages available 12VDC
• LED model number: XXXX5F71B
Features:
1
• Available in yellow, red, white and more
• Low power consumption
• Energy saving
• No stroboflash, no radiation
• Long life
Application:
1
• Turn Light
• Brake Light
Product Picture and Dimensions:
Model No.
OST25US12GD-
XXXX5F71B
REV.
C1
Unit: mm


Similar Part No. - OST25US12GD-R5RU5F71B

ManufacturerPart #DatasheetDescription
logo
OptoSupply Internationa...
OST25US12GD-XXXX5F71B OPTOSUPPLY-OST25US12GD-XXXX5F71B Datasheet
40Kb / 2P
T25-12LAMPS AUTO LED
More results

Similar Description - OST25US12GD-R5RU5F71B

ManufacturerPart #DatasheetDescription
logo
OptoSupply Internationa...
OST20WG09GD-R5RUT831A OPTOSUPPLY-OST20WG09GD-R5RUT831A Datasheet
1Mb / 2P
T18-09LAMPS AUTO LED Green light source, fast response
OST25FD12GD-R5RU5F71B OPTOSUPPLY-OST25FD12GD-R5RU5F71B Datasheet
40Kb / 2P
T25-12LAMPS AUTO LED
OST25FS12GD-R5RU5F71B OPTOSUPPLY-OST25FS12GD-R5RU5F71B Datasheet
41Kb / 2P
T25-12LAMPS AUTO LED
OST25WG12GD-R5RU5F71B OPTOSUPPLY-OST25WG12GD-R5RU5F71B Datasheet
41Kb / 2P
T25-12LAMPS AUTO LED Long life, easy installation
OST25YD12GD-R5RU5F71B OPTOSUPPLY-OST25YD12GD-R5RU5F71B Datasheet
41Kb / 2P
T25-12LAMPS AUTO LED Long life, easy installation
OST25FD12GD-XXXX5F71B OPTOSUPPLY-OST25FD12GD-XXXX5F71B Datasheet
40Kb / 2P
T25-12LAMPS AUTO LED
OST25FS12GD-XXXX5F71B OPTOSUPPLY-OST25FS12GD-XXXX5F71B Datasheet
41Kb / 2P
T25-12LAMPS AUTO LED
OST25US12GD-XXXX5F71B OPTOSUPPLY-OST25US12GD-XXXX5F71B Datasheet
40Kb / 2P
T25-12LAMPS AUTO LED
OST25WG12GD-XXXX5F71B OPTOSUPPLY-OST25WG12GD-XXXX5F71B Datasheet
41Kb / 2P
T25-12LAMPS AUTO LED
OST25YD12GD-XXXX5F71B OPTOSUPPLY-OST25YD12GD-XXXX5F71B Datasheet
41Kb / 2P
T25-12LAMPS AUTO LED
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com