Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

OST25YD12GD-R5RU5F71B Datasheet(PDF) 2 Page - OptoSupply International

Part # OST25YD12GD-R5RU5F71B
Description  T25-12LAMPS AUTO LED Long life, easy installation
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OPTOSUPPLY [OptoSupply International]
Direct Link  http://www.optosupply.com
Logo OPTOSUPPLY - OptoSupply International

OST25YD12GD-R5RU5F71B Datasheet(HTML) 2 Page - OptoSupply International

  OST25YD12GD-R5RU5F71B Datasheet HTML 1Page - OptoSupply International OST25YD12GD-R5RU5F71B Datasheet HTML 2Page - OptoSupply International  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
2
Device Selection Guide
1
Module No.
Color
Wavelength
(Typ.)
Intensity / Per
LED
(Typ.)
Totality
Luminous
Intensity (Typ.)
R5RU5F71B
Red
625 nm.
2500mcd
15.9lm
Y5RU5F71B
Yellow
590 nm
2500mcd
16.1lm
W5DK5F71B
White
X=0.27,Y=0.28
10000mcd
25.7lm
Absolute Maximum Ratings(Ta=25℃)
1
Items
Symbol
Values
Units
Operating Supply Range(DC)
Vidc
2.4
V
Input Current (DC)
Ii
150
mA
Power Dissipation
Pa
2.4
W
Operating Temperature
Tope
-20 ~ +50
DegC
Storage Temperature
Tstg
-20 ~ +80
DegC
Typical Performance (Ta=25℃)
1
Items
Symbol
Min.
Typ.
Max.
Units
LED Module Power
Pm
-
0.84
2.4
w
Input Voltage(DC)
Vi
-
12
16
V
Product Input Current
If
-
70
150
mA
Beam Pattern
BP
-
70
-
Deg
Total Diameter of PCB
Lmod.
-
45
-
mm
Net Weight
Wei.
---
10.5
-
g
Model No.
OST25YD12GD-
XXXX5F71B
REV.
C1



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com