Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

OST089S01GD-R5RUT831A Datasheet(PDF) 2 Page - OptoSupply International

Part # OST089S01GD-R5RUT831A
Description  T08 Round AUTO LED Based on BA9S Long life, easy installation
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OPTOSUPPLY [OptoSupply International]
Direct Link  http://www.optosupply.com
Logo OPTOSUPPLY - OptoSupply International

OST089S01GD-R5RUT831A Datasheet(HTML) 2 Page - OptoSupply International

  OST089S01GD-R5RUT831A Datasheet HTML 1Page - OptoSupply International OST089S01GD-R5RUT831A Datasheet HTML 2Page - OptoSupply International  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
2
Device Selection Guide
1
Module No.
Color
Wavelength
(Typ.)
Intensity / Per
LED
(Typ.)
Overall
luminous flux
R5RUT831A
Red
625 nm
3200mcd
1.0lm
G5DUT831A
Green
525 nm
34500mcd
3.5lm
B5YUT831A
Blue
470 nm
7500mcd
0.6lm
W5YKT831A
White
X=0.27,Y=0.28
15000mcd
3.0lm
Absolute Maximum Ratings(Ta=25℃)
1
Items
Symbol
Values
Units
Operating supply range(DC)
Vidc
16
V
Input Current (DC)
Ii
30
mA
Power Dissipation
Pa
0.48
W
Operating Temperature
Tope
-20 ~ +50
DegC
Storage Temperature
Tstg
-20 ~ +80
DegC
Typical Performance (Ta=25℃)
1
Items
Symbol
Min.
Typ.
Max.
Units
LED Module Power
Pm
-
0.24
0.48
w
Input Voltage(DC)
Vi
-
12
16
V
Product input Current
If
-
20
30
mA
Beam Pattern
BP
-
30
-
Deg
Total diameter of PCB
Lmod.
-
25.8
-
mm
Net Weight
Wei.
---
1.6
---
g
Model No.
OST089S01GD-
XXXXT831A
REV.
C1



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com