Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST109S01GD-R5RUTA31B Datasheet(PDF) 1 Page - OptoSupply International

Part # ST109S01GD-R5RUTA31B
Description  T10 Round AUTO LED Based on BA9S Long life, easy installation
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OPTOSUPPLY [OptoSupply International]
Direct Link  http://www.optosupply.com
Logo OPTOSUPPLY - OptoSupply International

ST109S01GD-R5RUTA31B Datasheet(HTML) 1 Page - OptoSupply International

  ST109S01GD-R5RUTA31B Datasheet HTML 1Page - OptoSupply International ST109S01GD-R5RUTA31B Datasheet HTML 2Page - OptoSupply International  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
1
T10 Round AUTO LED Based on BA9S
Descriptions:
1
• Green light source, fast response
• Long life, easy installation
• Voltages available 12VDC
• LED model number: XXXXTA31B
Features:
1
• Available in red, yellow, green, blue, white and more
• The socket material is use the copper,the appearance is through oxidizing
• Low power consumption
• Energy saving
• Eye protection, no radiation
• Long life
Application:
1
• Back up Light
Product Picture and Dimensions:
Model No.
OST109S01GD-
XXXXTA31B
REV.
C1
Unit:mm


Similar Part No. - ST109S01GD-R5RUTA31B

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
ST10 STMICROELECTRONICS-ST10 Datasheet
433Kb / 65P
16-BIT MCU WITH 32K BYTE ROM
Aug-1999
ST10 STMICROELECTRONICS-ST10 Datasheet
368Kb / 58P
16-BIT MCU WITH 128KBYTE FLASH MEMORY
Apr-1999
logo
Astrodyne Corporation
ST10 ASTRODYNE-ST10 Datasheet
849Kb / 3P
Isolated and Regulated 10 Watt Modular DC/DC Converters
logo
Arch Electronics Corp.
ST10 ARCH-ST10 Datasheet
165Kb / 4P
Encapsulated DC-DC Converter
logo
AVX Corporation
ST10 AVX-ST10 Datasheet
146Kb / 2P
Mini-TurboCapTM Small Footprint, High Volumetric Efficiency, High-CV SMPS Capacitors
More results

Similar Description - ST109S01GD-R5RUTA31B

ManufacturerPart #DatasheetDescription
logo
OptoSupply Internationa...
OST25WG12GD-R5RU5F71B OPTOSUPPLY-OST25WG12GD-R5RU5F71B Datasheet
41Kb / 2P
T25-12LAMPS AUTO LED Long life, easy installation
OST25YD12GD-R5RU5F71B OPTOSUPPLY-OST25YD12GD-R5RU5F71B Datasheet
41Kb / 2P
T25-12LAMPS AUTO LED Long life, easy installation
OST089S01GD-R5RUT8C1A OPTOSUPPLY-OST089S01GD-R5RUT8C1A Datasheet
1Mb / 2P
T08 Concave AUTO LED Based on BA9S Long life, easy installation
OST089S01GD-R5RUT8E1A OPTOSUPPLY-OST089S01GD-R5RUT8E1A Datasheet
1Mb / 2P
T08 Flat AUTO LED Based on BA9S Long life, easy installation
OST089S01GD-R5RUT831A OPTOSUPPLY-OST089S01GD-R5RUT831A Datasheet
1Mb / 2P
T08 Round AUTO LED Based on BA9S Long life, easy installation
OSMSRGB-C5 OPTOSUPPLY-OSMSRGB-C5 Datasheet
371Kb / 4P
Long life, easy installation
OST089S01GD-XXXXT831A OPTOSUPPLY-OST089S01GD-XXXXT831A Datasheet
1Mb / 2P
T08 Round AUTO LED Based on BA9S
OST109S01GD-XXXXTA31B OPTOSUPPLY-OST109S01GD-XXXXTA31B Datasheet
1Mb / 2P
T10 Round AUTO LED Based on BA9S
OSWMXX OPTOSUPPLY-OSWMXX Datasheet
325Kb / 3P
Long life, easy installation
OSWPXX OPTOSUPPLY-OSWPXX Datasheet
321Kb / 3P
Long life, easy installation
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com