Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

OST109S01GD-R5RUTA31B Datasheet(PDF) 2 Page - OptoSupply International

Part # OST109S01GD-R5RUTA31B
Description  T10 Round AUTO LED Based on BA9S Long life, easy installation
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OPTOSUPPLY [OptoSupply International]
Direct Link  http://www.optosupply.com
Logo OPTOSUPPLY - OptoSupply International

OST109S01GD-R5RUTA31B Datasheet(HTML) 2 Page - OptoSupply International

  OST109S01GD-R5RUTA31B Datasheet HTML 1Page - OptoSupply International OST109S01GD-R5RUTA31B Datasheet HTML 2Page - OptoSupply International  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
2
Device Selection Guide
1
Module No.
Color
Wavelength
(Typ.)
Intensity / Per
LED
(Typ.)
Overall
luminous flux
R5RUTA31B
Red
625 nm
4900mcd
1.0lm
G5DUTA31B
Green
525 nm
39000mcd
3.5lm
B5YUTA31B
Blue
470 nm
11900mcd
0.6lm
Y5RUTA31B
Yellow
590 nm
4900mcd
1.0lm
W5YKTA31B
White
X=0.27,Y=0.28
23000mcd
3.0lm
Absolute Maximum Ratings(Ta=25℃)
1
Items
Symbol
Values
Units
Operating supply range(DC)
Vidc
16
V
Input Current (DC)
Ii
30
mA
Power Dissipation
Pa
0.48
W
Operating Temperature
Tope
-20 ~ +50
DegC
Storage Temperature
Tstg
-20 ~ +80
DegC
Typical Performance (Ta=25℃)
1
Items
Symbol
Min.
Typ.
Max.
Units
LED Module Power
Pm
-
0.24
0.48
W
Input Voltage(DC)
Vi
-
12
16
V
Product input Current
If
-
20
30
mA
Beam Pattern
BP
-
30
-
Deg
Total diameter of PCB
Lmod.
-
29.2
-
mm
Net Weight
Wei.
---
2.2
---
g
Model No.
OST109S01GD-
XXXXTA31B
REV.
C1



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com