Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IC-LSCOBGALS2C Datasheet(PDF) 4 Page - IC-Haus GmbH

Part # IC-LSCOBGALS2C
Description  -CHANNEL ACTIVE PHOTOSENSOR ARRAY
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ICHAUS [IC-Haus GmbH]
Direct Link  http://www.ichaus.biz
Logo ICHAUS - IC-Haus GmbH

IC-LSCOBGALS2C Datasheet(HTML) 4 Page - IC-Haus GmbH

  IC-LSCOBGALS2C Datasheet HTML 1Page - IC-Haus GmbH IC-LSCOBGALS2C Datasheet HTML 2Page - IC-Haus GmbH IC-LSCOBGALS2C Datasheet HTML 3Page - IC-Haus GmbH IC-LSCOBGALS2C Datasheet HTML 4Page - IC-Haus GmbH IC-LSCOBGALS2C Datasheet HTML 5Page - IC-Haus GmbH IC-LSCOBGALS2C Datasheet HTML 6Page - IC-Haus GmbH IC-LSCOBGALS2C Datasheet HTML 7Page - IC-Haus GmbH  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
iC-LSC
12-CHANNEL ACTIVE PHOTOSENSOR ARRAY
Rev C1, Page 4/7
ABSOLUTE MAXIMUM RATINGS
These ratings do not imply operating conditions; functional operation is not guaranteed. Beyond these ratings device damage may occur.
Item
Symbol
Parameter
Conditions
Unit
No.
Min.
Max.
G001 VCC
Voltage at VCC
-0.3
6
V
G002 I(VCC)
Current in VCC
-20
20
mA
G003 V()
Pin Voltage, all signal outputs
-0.3
VCC+0.3
V
G004 I()
Pin Current, all signal outputs
-20
20
mA
G005 Vd()
ESD Susceptibility, all pins
HBM, 100 pF discharged through 1.5 kΩ
2
kV
G006 Tj
Junction Temperature
-40
150
°C
G007 Ts
Chip Storage Temperature
-40
150
°C
THERMAL DATA
Item
Symbol
Parameter
Conditions
Unit
No.
Min.
Typ.
Max.
T01
Ta
Operating Ambient Temperature Range package oBGA LS2C
-20
90
°C
package oQFN32-N5x5*
-40
110
°C
(extended temperature range on request)
T02
Ts
Storage Temperature Range
package oBGA LS2C
-30
110
°C
package oQFN32-N5x5*
-40
110
°C
T03
Tpk
Soldering Peak Temperature
package oBGA LS2C
tpk < 20 s, convection reflow
245
°C
tpk < 20 s, vapor phase soldering
230
°C
TOL (time on label) 8 h;
Please refer to customer information file No. 7
for details.
T04
Tpk
Soldering Peak Temperature
package oQFN32-N5x5*
tpk < 20 s, convection reflow
245
°C
tpk < 20 s, vapor phase soldering
230
°C
MSL 5A (max. floor live 24 h at 30 °C and
60 % RH);
Please refer to customer information file No. 7
for details.
*) Package qualification pending.
All voltages are referenced to ground unless otherwise stated.
All currents flowing into the device pins are positive; all currents flowing out of the device pins are negative.



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com