Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IC-LSHB Datasheet(PDF) 2 Page - IC-Haus GmbH

Part # IC-LSHB
Description  INCREMENTAL PHOTOSENSOR ARRAY
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ICHAUS [IC-Haus GmbH]
Direct Link  http://www.ichaus.biz
Logo ICHAUS - IC-Haus GmbH

IC-LSHB Datasheet(HTML) 2 Page - IC-Haus GmbH

  IC-LSHB Datasheet HTML 1Page - IC-Haus GmbH IC-LSHB Datasheet HTML 2Page - IC-Haus GmbH IC-LSHB Datasheet HTML 3Page - IC-Haus GmbH IC-LSHB Datasheet HTML 4Page - IC-Haus GmbH IC-LSHB Datasheet HTML 5Page - IC-Haus GmbH IC-LSHB Datasheet HTML 6Page - IC-Haus GmbH IC-LSHB Datasheet HTML 7Page - IC-Haus GmbH IC-LSHB Datasheet HTML 8Page - IC-Haus GmbH  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
prel
imin
ary
prel
imin
ary
iC-LSHB
INCREMENTAL PHOTOSENSOR ARRAY
Rev B1, Page 2/8
DESCRIPTION
iC-LSHB is an optical sensor IC with 6 integrated
photodiodes whose signal currents are converted
into output voltages by low-noise transimpedance
amplifiers.
The IC is well suited for the operation of interpolation
circuits for linear or rotary incremental encoders with
an index signal. iC-LSHB thus has a shamrock-style
sensor layout of four photodiodes, each with an ac-
tive area of 800 µm x 330 µm. Both a positive and
negative sine signal and a positive and negative co-
sine signal are generated from a single shared code
track. The signal amplifier layout ensures excellent
paired channel matching, reducing signal differences
to an absolute minimum.
Two separate photodiodes, with active areas of 1720
µm x 150 µm apiece, are employed for the differential
scanning of the index track and to generate the zero
signal.
The spectral sensitivity ranges from visible to near
infrared light, with the maximum sensitivity close to a
wavelength of 680 nm.
Due to a high transimpedance gain of typically 4 MΩ,
signal voltages of several hundred millivolts are ob-
tained at low illumination levels.
An output signal
amplitude of 1 V is typical in low light conditions,
for instance when iC-LSHB is illuminated at only
0.2 mW/cm2 by a 740 nm LED.
A threefold intensity is sufficient when using iC-LSHB
for encoder applications with typical disc and mask
codes.
Therefore, a relatively low LED current is
enough to operate the sensor, proving beneficial to
the life expectancy of the LED at high operating tem-
peratures.
iC-LSHB is suitable for on-chip or LED-end mounting
of the grating (reticle), so that the period count, signal
waveform, phase shift and index marker code can be
selected with flexibility.
PACKAGES
PAD LAYOUT (2.88 mm x 2.04 mm)
PAD FUNCTIONS
No. Name Function
1 VCC
+4.5..5.5 V Supply Voltage
2 PZ
Zero Signal (Index)
3 NZ
Reference Voltage Output
4 GND
Ground
5 NCOS Cosine -
6 PCOS Cosine +
7 NSIN
Sine -
8 PSIN
Sine +
Notes: All outputs supply analog volt-
ages.
Dimension G4 is the reference radius of
the chip center.



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com