Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IC-LSHBCHIP Datasheet(PDF) 3 Page - IC-Haus GmbH

Part # IC-LSHBCHIP
Description  INCREMENTAL PHOTOSENSOR ARRAY
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ICHAUS [IC-Haus GmbH]
Direct Link  http://www.ichaus.biz
Logo ICHAUS - IC-Haus GmbH

IC-LSHBCHIP Datasheet(HTML) 3 Page - IC-Haus GmbH

  IC-LSHBCHIP Datasheet HTML 1Page - IC-Haus GmbH IC-LSHBCHIP Datasheet HTML 2Page - IC-Haus GmbH IC-LSHBCHIP Datasheet HTML 3Page - IC-Haus GmbH IC-LSHBCHIP Datasheet HTML 4Page - IC-Haus GmbH IC-LSHBCHIP Datasheet HTML 5Page - IC-Haus GmbH IC-LSHBCHIP Datasheet HTML 6Page - IC-Haus GmbH IC-LSHBCHIP Datasheet HTML 7Page - IC-Haus GmbH IC-LSHBCHIP Datasheet HTML 8Page - IC-Haus GmbH  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
prel
imin
ary
prel
imin
ary
iC-LSHB
INCREMENTAL PHOTOSENSOR ARRAY
Rev B1, Page 3/8
PIN CONFIGURATION
oBGA LSH2C (6.2 mm x 5.2 mm)
PIN FUNCTIONS
No. Name Function
A2
A3
A4
B1
B2
B3
B4
C1 NCOS Cosine -
C2 PCOS Cosine +
C3 NZ
Reference Voltage Output
C4 GND
Ground
D1 NSIN
Sine -
D2 PSIN
Sine +
D3 VCC
+4.5..5.5 V Supply Voltage
D4 PZ
Zero Signal (Index)



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com