Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IC-LSHC Datasheet(PDF) 7 Page - IC-Haus GmbH

Part # IC-LSHC
Description  3-CHANNEL SIN/COS PHOTOSENSOR ARRAY
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ICHAUS [IC-Haus GmbH]
Direct Link  http://www.ichaus.biz
Logo ICHAUS - IC-Haus GmbH

IC-LSHC Datasheet(HTML) 7 Page - IC-Haus GmbH

  IC-LSHC Datasheet HTML 1Page - IC-Haus GmbH IC-LSHC Datasheet HTML 2Page - IC-Haus GmbH IC-LSHC Datasheet HTML 3Page - IC-Haus GmbH IC-LSHC Datasheet HTML 4Page - IC-Haus GmbH IC-LSHC Datasheet HTML 5Page - IC-Haus GmbH IC-LSHC Datasheet HTML 6Page - IC-Haus GmbH IC-LSHC Datasheet HTML 7Page - IC-Haus GmbH  
Zoom Inzoom in Zoom Outzoom out
 7 / 7 page
background image
preliminary
preliminary
iC-LSHC
3-CHANNEL SIN/COS PHOTOSENSOR ARRAY
Rev B1, Page 7/7
ORDERING INFORMATION
Type
Package
Options
Order Designation
iC-LSHC
-
iC-LSHC chip
optoBGA 6.2 mm x 5.2 mm
iC-LSHC OBGA LSH2C
optoBGA 6.2 mm x 5.2 mm
reticle 26-256 NMS
iC-LSHC OBGA LSH2C-4R
optoBGA 6.2 mm x 5.2 mm
reticle 26-1024 NMS
iC-LSHC OBGA LSH2C-1R
optoBGA 6.2 mm x 5.2 mm
reticle 26-2048 NMS
iC-LSHC OBGA LSH2C-2R
optoBGA 6.2 mm x 5.2 mm
reticle 42-2048 NMS
iC-LSHC OBGA LSH2C-6R
Nonius Code Disc
255/256/240 PPR,
OD/ID ∅26/11.6 mm, glass
LSHC4S 26-256N
Nonius Code Disc
255/256/240 PPR,
OD/ID ∅26/7 mm, plastic
LSHC5S 26-256N
Nonius Code Disc
1023/1024/992 PPR,
OD/ID ∅26/11.6 mm, glass
LSHC1S 26-1024N
Nonius Code Disc
2047/2048/2016 PPR,
OD/ID ∅26/11.6 mm, glass
LSHC2S 26-2048N
Nonius Code Disc
2047/2048/2016 PPR,
OD/ID ∅42/18 mm, glass
LSHC6S 42-2048N
For technical support, information about prices and terms of delivery please contact:
iC-Haus GmbH
Tel.: +49 (61 35) 92 92-0
Am Kuemmerling 18
Fax: +49 (61 35) 92 92-192
D-55294 Bodenheim
Web: http://www.ichaus.com
GERMANY
E-Mail: sales@ichaus.com
Appointed local distributors: http://www.ichaus.com/sales_partners



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com