Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IC-MACHIP Datasheet(PDF) 2 Page - IC-Haus GmbH

Part # IC-MACHIP
Description  ANGULAR HALL SENSOR / ENCODER
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ICHAUS [IC-Haus GmbH]
Direct Link  http://www.ichaus.biz
Logo ICHAUS - IC-Haus GmbH

IC-MACHIP Datasheet(HTML) 2 Page - IC-Haus GmbH

  IC-MACHIP Datasheet HTML 1Page - IC-Haus GmbH IC-MACHIP Datasheet HTML 2Page - IC-Haus GmbH IC-MACHIP Datasheet HTML 3Page - IC-Haus GmbH IC-MACHIP Datasheet HTML 4Page - IC-Haus GmbH IC-MACHIP Datasheet HTML 5Page - IC-Haus GmbH IC-MACHIP Datasheet HTML 6Page - IC-Haus GmbH IC-MACHIP Datasheet HTML 7Page - IC-Haus GmbH IC-MACHIP Datasheet HTML 8Page - IC-Haus GmbH IC-MACHIP Datasheet HTML 9Page - IC-Haus GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 18 page
background image
iC-MA
ANGULAR HALL SENSOR / ENCODER
Rev B3, Page 2/18
DESCRIPTION
The CMOS device iC-MA consists of a quadruple hall
sensor array which has been optimized for the mag-
netic measurement of angles of rotation. This array
permits error-tolerant adjustment of the magnet, re-
ducing assembly efforts. The integrated signal condi-
tioning unit provides a differential sine/cosine signal
at the output. The sensor generates one sine cycle
per each full rotation of the magnet, enabling the an-
gle to be clearly determined. At the same time the
internal amplitude control unit produces an regulated
output amplitude of 2Vpp regardless of variations in
the magnetic field strength, supply voltage and tem-
perature. Furthermore, signals are provided which
enable the sensor amplitude to be assessed and also
report any magnet loss.
With the aid of the integrated 8-bit sine/digital con-
verter the angle of rotation is determined from the
sine/cosine signals. This is output via an incremental
interface in a number of selectable resolutions. The
zero angle is indicated by an index pulse. The maxi-
mum resolution of 8-bit is maintained up to rotations
of 60,000 rpm.
The absolute angle of rotation can be converted back
to a linear analog output signal using the internal D/A
converter; here, output voltage limits can be set as
required using the external pins. Either a periodic
linear signal (sawtooth) or a delta voltage (triangle)
can be provided. iC-MA can be easily cascaded in
three different modes of chain operation so that sev-
eral axes of rotation can be scanned. The angle po-
sitions of the individual axes can then be read via a
common bus.
Used in conjunction with a permanent magnet iC-
MA can act as an encoder system with an integrated
magnetic scanning feature. No further components
are required.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com