Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IRFY310 Datasheet(PDF) 1 Page - Seme LAB

Part # IRFY310
Description  N-Channel MOSFET in a Hermetically sealed
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEME-LAB [Seme LAB]
Direct Link  http://www.semelab.co.uk
Logo SEME-LAB - Seme LAB

IRFY310 Datasheet(HTML) 1 Page - Seme LAB

  IRFY310 Datasheet HTML 1Page - Seme LAB  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
IRFY310
V
DSS = 400V
I
D = 1.2A
R
DS(ON) = 4.15Ω
Ω
Ω
Ω
All Semelab hermetically sealed products can be
processed in accordance with the requirements
of BS, CECC and JAN, JANTX, JANTXV and
JANS specifications.
Parameter
Min.
Typ.
Max.
Units
V
DSS
Drain – Source Breakdown Voltage
400
V
I
D
Continuous Drain Current
1.2
A
P
D
Power Dissipation
11
W
R
DS(ON)
Static Drain – Source On–State Resistance
4.15
Ω
C
ISS
Input Capacitance
170
pF
Q
g
Total Gate Charge
8.4
nC
t
td(on)
Turn–On Delay Time
15
ns
t
tr
Rise Time
20
ns
t
td(off)
Turn–Off Delay Time
35
ns
t
f
Fall Time
30
ns
This is a shortform datasheet. For a full datasheet please contact sales@semelab.co.uk.
Semelab Plc reserves the right to change test conditions, parameter limits and package dimensions without notice. Information furnished by Semelab is believed
to be both accurate and reliable at the time of going to press. However Semelab assumes no responsibility for any errors or omissions discovered in its use.
Generated
13-Sep-02
TO257AB (TO220M)
PINOUTS
1 – Gate
2 – Drain
Case – Source
N-Channel MOSFET in
a Hermetically sealed
TO257AB Metal Package.
Semelab plc.
Telephone +44(0)1455 556565. Fax +44(0)1455 552612.
E-mail: sales@semelab.co.uk
Website: http://www.semelab.co.uk
Dimensions in mm (inches).
2.54 (0.1)
BSC
3.70 Dia. Nom
1 2 3
0.8
(0.03)
2.70
(0.106)
1.0
(0.039)
4.6 (0.18)
10.6 (0.42)


Similar Part No. - IRFY310

ManufacturerPart #DatasheetDescription
logo
Seme LAB
IRFY310C SEME-LAB-IRFY310C Datasheet
15Kb / 1P
N-Channel MOSFET in a Hermetically sealed
More results

Similar Description - IRFY310

ManufacturerPart #DatasheetDescription
logo
Seme LAB
IRFY044M SEME-LAB-IRFY044M Datasheet
15Kb / 1P
N-Channel MOSFET in a Hermetically sealed
IRFY110 SEME-LAB-IRFY110 Datasheet
15Kb / 1P
N-Channel MOSFET in a Hermetically sealed
IRFY110C SEME-LAB-IRFY110C Datasheet
15Kb / 1P
N-Channel MOSFET in a Hermetically sealed
IRFY130C SEME-LAB-IRFY130C Datasheet
15Kb / 1P
N-Channel MOSFET in a Hermetically sealed
IRFY130M SEME-LAB-IRFY130M Datasheet
15Kb / 1P
N-Channel MOSFET in a Hermetically sealed
IRFY230C SEME-LAB-IRFY230C Datasheet
15Kb / 1P
N-Channel MOSFET in a Hermetically sealed
IRFY310C SEME-LAB-IRFY310C Datasheet
15Kb / 1P
N-Channel MOSFET in a Hermetically sealed
IRFY320C SEME-LAB-IRFY320C Datasheet
15Kb / 1P
N-Channel MOSFET in a Hermetically sealed
IRFY440C SEME-LAB-IRFY440C Datasheet
15Kb / 1P
N-Channel MOSFET in a Hermetically sealed
IRFY540 SEME-LAB-IRFY540 Datasheet
15Kb / 1P
N-Channel MOSFET in a Hermetically sealed
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com