Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AP02001 Datasheet(PDF) 6 Page - Diodes Incorporated

Part # AP02001
Description  SUGGESTED PAD LAYOUT
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

AP02001 Datasheet(HTML) 6 Page - Diodes Incorporated

Back Button AP02001 Datasheet HTML 2Page - Diodes Incorporated AP02001 Datasheet HTML 3Page - Diodes Incorporated AP02001 Datasheet HTML 4Page - Diodes Incorporated AP02001 Datasheet HTML 5Page - Diodes Incorporated AP02001 Datasheet HTML 6Page - Diodes Incorporated AP02001 Datasheet HTML 7Page - Diodes Incorporated AP02001 Datasheet HTML 8Page - Diodes Incorporated AP02001 Datasheet HTML 9Page - Diodes Incorporated AP02001 Datasheet HTML 10Page - Diodes Incorporated Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 12 page
background image
ALL DIMENSIONS ARE NOMINAL VALUES SHOWN IN MILLIMETERS
Note: The suggested land pattern dimensions have been provided for reference only, as actual pad layouts may vary depending on application.
These numbers may be modified based on user equipment capability or fabrication criteria. A more robust pattern may be desired for wave
soldering and is calculated by adding 0.2 mm to the ‘Z’ dimension. For further information, please reference document IPC-7351A, Naming
Convention for Standard SMT Land Patterns, and for International grid details, please see document IEC, Publication 97.
AP02001 Rev. 38
6 of 12
www.diodes.com
Suggested Pad Layout
© Diodes Incorporated
PowerDI
®5
PowerDI
®123 / PowerDI®323
G
X
C
Y1
(2x)
Y
X1
(2x)
X1
GX2
Y2
Y1
Dimensions
Value (in mm)
C
1.840
G
0.852
X
3.360
X1
1.390
Y
4.860
Y1
1.400
Dimensions
PowerDI
®123 PowerDI®323
G
1.0
0.5
X1
2.2
2.0
X2
0.9
0.8
Y1
1.4
0.8
Y2
1.4
1.1
PowerDI3333-8
PowerDI5060-8
X
Y
Y1
Y3
Y2
X2
C
14
85
G
G1
X
X1
Y
Y1
Y2
G1
Y3 (4x)
X2 (8x)
G
C
Dimensions
Value (in mm)
C
0.650
G
0.230
G1
0.420
Y
3.700
Y1
2.250
Y2
1.850
Y3
0.700
X
2.370
X2
0.420
Dimensions
Value (in mm)
C
1.270
G
0.660
G1
0.820
X
4.420
X1
4.100
X2
0.610
Y
6.610
Y1
3.810
Y2
1.020
Y3
1.270



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com