Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DFN1006-2 Datasheet(PDF) 13 Page - Diodes Incorporated

Part # DFN1006-2
Description  PACKAGE OUTLINE DIMENSIONS
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

DFN1006-2 Datasheet(HTML) 13 Page - Diodes Incorporated

Back Button DFN1006-2 Datasheet HTML 9Page - Diodes Incorporated DFN1006-2 Datasheet HTML 10Page - Diodes Incorporated DFN1006-2 Datasheet HTML 11Page - Diodes Incorporated DFN1006-2 Datasheet HTML 12Page - Diodes Incorporated DFN1006-2 Datasheet HTML 13Page - Diodes Incorporated DFN1006-2 Datasheet HTML 14Page - Diodes Incorporated DFN1006-2 Datasheet HTML 15Page - Diodes Incorporated DFN1006-2 Datasheet HTML 16Page - Diodes Incorporated DFN1006-2 Datasheet HTML 17Page - Diodes Incorporated Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 32 page
background image
AP02002 Rev. 44
13 of 32
www.diodes.com
Package Outline Dimensions
© Diodes Incorporated
SOD-123
K
L
M
C
H
B
A
SOD-123
Dim
Min
Max
A
0.55 Typ
B
1.40
1.70
C
3.55
3.85
H
2.55
2.85
J
0.00
0.10
K
1.00
1.35
L
0.25
0.40
M
0.10
0.15
α
0
8°
All Dimensions in mm
SOD-323
K
L
M
J
C
H
B
A
SOD-323
Dim
Min
Max
A
0.25
0.35
B
1.20
1.40
C
2.30
2.70
H
1.60
1.80
J
0.00
0.10
K
1.0
1.1
L
0.20
0.40
M
0.10
0.15
α
0°
8°
All Dimensions in mm
SOD-323F
A
He
E
D
b (2x)
c
L1
β2
β1
α2
α1
SOD-323F
Dim
Min
Max
Typ
A
0.60
0.75
−
b
0.25
0.35
−
c
0.05
0.26
−
D
1.15
1.35
1.25
E
1.60
1.80
1.70
He
2.30
2.70
2.50
L1
0.30
0.50
0.40
α1
−
−
7°
α2
−
−
3°
β1
−
−
7°
β2
−
−
3°
All Dimensions in mm



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com