Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ATB010 Datasheet(PDF) 2 Page - CML Microcircuits

Part # ATB010
Description  A Compact Low-cost RF Technology Demonstrator for Design and Development
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CMLMICRO [CML Microcircuits]
Direct Link  http://www.cmlmicro.com
Logo CMLMICRO - CML Microcircuits

ATB010 Datasheet(HTML) 2 Page - CML Microcircuits

  ATB010 Datasheet HTML 1Page - CML Microcircuits ATB010 Datasheet HTML 2Page - CML Microcircuits ATB010 Datasheet HTML 3Page - CML Microcircuits ATB010 Datasheet HTML 4Page - CML Microcircuits ATB010 Datasheet HTML 5Page - CML Microcircuits ATB010 Datasheet HTML 6Page - CML Microcircuits  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
CML Microcircuits
COMMUNICATION SEMICONDUCTORS
PRODUCT PREVIEW
ATB010 – dPMR RF Demonstrator
© 2009 CML Microsystems Plc
Page 2 of 6
August 2009
Tx/Rx
Switch
LNA
PA
PLL
Rx Section
Tx Section
SAW
Image Filter
Xtal Filter
(Fc = 45MHz)
RSSI
Data/Audio
MOD2
AUXDAC4
Power
Detector
LO 1
LO 2
44.545MHz
VCTXO
19.2MHz
MOD1
AUXADC3
AUXDAC1
The ATB010 functional block diagram
On-board Circuits
Front end LNA
A UHF discrete bipolar LNA. Along with subsequent stages, this is biased to achieve the demanding
receiver intermodulation requirements.
SAW image filter
This filter (after the LNA) is an 8MHz bandwidth 446MHz SAW filter providing rejection of image and
other spurious responses.
Mixer
After approximately 2dB of attenuation, a diode ring mixer is used to convert from 446MHz to the 1st IF
of 45MHz. This requires approximately +4dBm LO drive.
Post mixer IF amplifier
An isolation amplifier that provides a good match at its output to the crystal filter. The input from the
mixer is matched by a Pi network giving a good 50Ohm match.
IF crystal filter
A 4-pole, fundamental mode, 2 x UM1 packaged crystal filter with a passband of approximately
+/-3.75kHz. Correct matching of the filters is necessary to achieving optimum performance.
Post filter amplifier
A resistive termination to the FM IF IC input. It also provides a high input impedance to the crystal filter
output matching network. The gain provided overcomes the losses in not matching to the high
impedance of the FM IF IC input.



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com